Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 374 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 374 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 370Page - Renesas Technology Corp 7733 Datasheet HTML 371Page - Renesas Technology Corp 7733 Datasheet HTML 372Page - Renesas Technology Corp 7733 Datasheet HTML 373Page - Renesas Technology Corp 7733 Datasheet HTML 374Page - Renesas Technology Corp 7733 Datasheet HTML 375Page - Renesas Technology Corp 7733 Datasheet HTML 376Page - Renesas Technology Corp 7733 Datasheet HTML 377Page - Renesas Technology Corp 7733 Datasheet HTML 378Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 940 page
background image
CLOCK GENERATING CIRCUIT
7733 Group User’s Manual
14–11
14.3.2 System clock switching procedure
Figures 14.3.6 to 14.3.8 show the system clock switching procedure.
14.3 Clock control
Fig. 14.3.6 System clock switching procedure (1)
State of bits 4 to 1 of the oscillation circuit control register 0 when switching the system clock
Stopped
Operating
Operating
Port-Xc selection bit (bit 4)
System clock selection bit (bit 3)
Main clock stop bit (bit 2)
(Sub-clock oscillation circuit: Oscillating)
(Main clock)
(Sub clock)
(Main clock)
(Stopped)
(Oscillating)
ab
“1”
“0”
“1”
“0”
“1”
“0”
System clock
Main clock
Sub clock
Main clock
(Main-clock oscillation
circuit: Oscillating)
Oscillation of the main-clock oscillation circuit
Oscillation stabilizing time
Stopped
Operating
Oscillation of the sub-clock oscillation circuit
Oscillation stabilizing time
Notes 1: Before selecting the sub clock, make sure that oscillation of the sub clock is fully stabilized after oscillation starts.
2: Before selecting the main clock, make sure that oscillation of the main clock is fully stabilized after oscillation restarts.
(Note 1)
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com