Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 384 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 384 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 380Page - Renesas Technology Corp 7733 Datasheet HTML 381Page - Renesas Technology Corp 7733 Datasheet HTML 382Page - Renesas Technology Corp 7733 Datasheet HTML 383Page - Renesas Technology Corp 7733 Datasheet HTML 384Page - Renesas Technology Corp 7733 Datasheet HTML 385Page - Renesas Technology Corp 7733 Datasheet HTML 386Page - Renesas Technology Corp 7733 Datasheet HTML 387Page - Renesas Technology Corp 7733 Datasheet HTML 388Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 940 page
background image
ELECTRICAL CHARACTERISTICS
7733 Group User’s Manual
15–5
Max.
19
2.6
20
100
10
1
20
Limits
Vcc = 5 V,
f(XIN) = 25 MHz (Square waveform),
(f(f2) = 12.5 MHz),
f(XCIN) = 32.768 kHz,
in operating (Note 1)
Vcc = 5V,
f(XIN) = 25 MHz (Square waveform),
(f(f2) = 1.5625 MHz),
f(XCIN) : Stopped,
in operating (Note 1)
Vcc = 5V,
f(XIN) = 25 MHz (Square waveform),
f(XCIN) = 32.768 kHz,
when the WIT instruction is executed (Note 2)
Vcc = 5 V,
f(XIN) : Stopped,
f(XCIN) : 32.768 kHz,
in operating (Note 3)
Vcc = 5 V,
f(XIN) : Stopped,
f(XCIN) : 32.768 kHz,
when the WIT instruction is executed (Note 4)
Ta = 25 °C,
when clock is stopped
Ta = 85 °C,
when clock is stopped
15.3 Electrical characteristics 15.4 A-D converter characteristics
ELECTRICAL CHARACTERISTICS (Vcc= 5 V, Vss = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Unit
Measuring conditions
Symbol
Parameter
ICC
Power source
current
Min.
Typ.
9.5
1.3
10
50
5
mA
mA
µA
µA
µA
µA
µA
In single-chip
mode, output
pins are open,
and the other
pins are con-
nected to Vss.
Notes 1: This is applied when the main clock external input selection bit = “1,” the main clock division
selection bit = “0,” and the signal output disable selection bit = “1.”
2: This is applied when the main clock external input selection bit = “1” and the system clock stop
selection bit at wait state = “1.”
3: This is applied when the CPU and the clock timer are operating with the sub clock (32.768 kHz)
selected as the system clock.
4: This is applied when the XCOUT drivability selection bit = “0” and the system clock stop bit at wait
state = “1.”
15.4 A-D converter characteristics
A-D CONVERTER CHARACTERISTICS (Vcc = AVcc = 5 V, Vss = AVss = 0 V, Ta = –20 to 85 °C, f(XIN) = 25 MHz (Note), unless otherwise noted)
Limits
Min.
Typ. Max.
—
Resolution
VREF = Vcc
10
Bits
—
Absolute accuracy
VREF = Vcc
± 3
LSB
RLADDER Ladder resistance
VREF = Vcc
10
25
k
tCONV
Conversion time
9.44
µs
VREF
Reference voltage
2
Vcc
V
VIA
Analog input voltage
0
VREF
V
Symbol
Parameter
Measuring conditions
Unit
Note: This is applied when the main clock division selection bit = “0” and f(f2) = 12.5 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com