Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 385 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 385 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 381Page - Renesas Technology Corp 7733 Datasheet HTML 382Page - Renesas Technology Corp 7733 Datasheet HTML 383Page - Renesas Technology Corp 7733 Datasheet HTML 384Page - Renesas Technology Corp 7733 Datasheet HTML 385Page - Renesas Technology Corp 7733 Datasheet HTML 386Page - Renesas Technology Corp 7733 Datasheet HTML 387Page - Renesas Technology Corp 7733 Datasheet HTML 388Page - Renesas Technology Corp 7733 Datasheet HTML 389Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 940 page
background image
ELECTRICAL CHARACTERISTICS
7733 Group User’s Manual
15–6
Limits
ns
ns
ns
ns
ns
ns
320
160
160
Limits
Limits
15.5 Internal peripheral devices
Timing requirements (Vcc = 5 V ± 10 %, Vss = 0 V, Ta = –20 to 85 °C, f(XIN) = 25 MHz (Note 1), unless
otherwise noted)
g The rise/fall time of an input signal must be 100 ns or less, unless otherwise noted.
15.5 Internal peripheral devices
tc(TA)
tw(TAH)
tw(TAL)
TAiIN input cycle time
TAiIN input high-level pulse width
TAiIN input low-level pulse width
Min.
80
40
40
Max.
ns
ns
ns
Unit
Symbol
Parameter
tc(TA)
tw(TAH)
tw(TAL)
TAiIN input cycle time (Note 3)
TAiIN input high-level pulse width (Note 3)
TAiIN input low-level pulse width (Note 3)
Min.
Max.
Unit
Symbol
Parameter
Timer A input (Gating input in timer mode)
Parameter
Limits
Timer A input (External trigger input in one-shot pulse mode)
TAiIN input cycle time
TAiIN input high-level pulse width
TAiIN input low-level pulse width
Max.
Unit
Symbol
Min.
320
80
80
tc(TA)
tw(TAH)
tw(TAL)
Limits
TAiIN input high-level pulse width
TAiIN input low-level pulse width
ns
ns
Min.
80
80
Max.
tw(TAH)
tw(TAL)
Unit
Parameter
Symbol
tc(UP)
tw(UPH)
tw(UPL)
tsu(UP–TIN)
th(TIN–UP)
TAiOUT input cycle time
TAiOUT input high-level pulse width
TAiOUT input low-level pulse width
TAiOUT input setup time
TAiOUT input hold time
ns
ns
ns
ns
ns
Min.
Max.
Unit
Symbol
Parameter
Timer A input (Up-down input in event counter mode)
Timer A input (External trigger input in pulse width modulation mode)
2000
1000
1000
400
400
Timer A input (Count input in event counter mode)
Data formula (Min.)
Data formula (Min.)
8 ! 109
2!
f(f2)
4 ! 109
2!
f(f2)
4 ! 109
2!
f(f2)
(Note 2)
(Note 2)
(Note 2)
8 ! 109
2!
f(f2)
(Note 2)
Notes 1: This is applied when the main clock division selection bit = “0” and f(f2) = 12.5 MHz.
2: f(f2) represents the clock f2 frequency.
For the relationship with the main clock and sub clock, refer to Table 14.3.1.
3: The TAiIN input cycle time must be 4 cycles of a count source or more.
The TAiIN input high-level pulse width and low-level pulse width must be 2 cycles of a count source
or more, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com