Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 389 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 389 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 385Page - Renesas Technology Corp 7733 Datasheet HTML 386Page - Renesas Technology Corp 7733 Datasheet HTML 387Page - Renesas Technology Corp 7733 Datasheet HTML 388Page - Renesas Technology Corp 7733 Datasheet HTML 389Page - Renesas Technology Corp 7733 Datasheet HTML 390Page - Renesas Technology Corp 7733 Datasheet HTML 391Page - Renesas Technology Corp 7733 Datasheet HTML 392Page - Renesas Technology Corp 7733 Datasheet HTML 393Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 940 page
background image
ELECTRICAL CHARACTERISTICS
7733 Group User’s Manual
15–10
ns
ns
ns
Min.
250
250
250
____
__
External interrupt INTi input, Key input interrupt KIi input
INTi
input high-level pulse width
INTi
input low-level pulse width
KIi
input low-level pulse width
tw(INH)
tw(INL)
tw(KIL)
Max.
Limits
Unit
Symbol
Parameter
Measuring conditions
• VCC = 5 V ± 10 %
• Input timing voltage
• Output timing voltage
: VIL = 1.0 V, VIH = 4.0 V
: VOL = 0.8 V, VOH = 2.0 V
TBiIN input
tc(TB)
tw(TBH)
tw(TBL)
tc(AD)
tw(ADL)
ADTRG input
tw(INL)
tw(INH)
INTi input
tc(CK)
tw(CKH)
tw(CKL)
th(C–Q)
tsu(D–C)
CLKi input
TxDi output
RxDi input
td(C–Q)
th(C–D)
tw(KIL)
KIi input
Internal peripheral devices
15.5 Internal peripheral devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com