Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 393 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 393 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 389Page - Renesas Technology Corp 7733 Datasheet HTML 390Page - Renesas Technology Corp 7733 Datasheet HTML 391Page - Renesas Technology Corp 7733 Datasheet HTML 392Page - Renesas Technology Corp 7733 Datasheet HTML 393Page - Renesas Technology Corp 7733 Datasheet HTML 394Page - Renesas Technology Corp 7733 Datasheet HTML 395Page - Renesas Technology Corp 7733 Datasheet HTML 396Page - Renesas Technology Corp 7733 Datasheet HTML 397Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 940 page
background image
ELECTRICAL CHARACTERISTICS
7733 Group User’s Manual
15–14
15.7 Single-chip mode
td(E–P0Q)
tsu(P0D–E)
th(E–P0D)
td(E–P1Q)
tsu(P1D–E)
th(E–P1D)
td(E–P2Q)
tsu(P2D–E)
th(E–P2D)
td(E–P3Q)
tsu(P3D–E)
th(E–P3D)
tW(H)
tc
tr
tf
E
Port P0 output
Port P0 input
Port P1 output
Port P1 input
Port P2 output
Port P2 input
Port P3 output
Port P3 input
XIN
td(E–P4Q)
tsu(P4D–E)
th(E–P4D)
td(E–P5Q)
tsu(P5D–E)
th(E–P5D)
td(E–P6Q)
tsu(P6D–E)
th(E–P6D)
td(E–P7Q)
tsu(P7D–E)
th(E–P7D)
td(E–P8Q)
tsu(P8D–E)
th(E–P8D)
Port P4 output
Port P4 input
Port P5 output
Port P5 input
Port P6 output
Port P6 input
Port P7 output
Port P7 input
Port P8 output
Port P8 input
tW(L)
Single-chip mode
Measuring conditions
•VCC = 5 V ± 10 %
•Input timing voltage
•Output timing voltage
: VIL = 1.0 V, VIH = 4.0 V
:
VOL = 0.8 V, VOH = 2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com