Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 391 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 391 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 387Page - Renesas Technology Corp 7733 Datasheet HTML 388Page - Renesas Technology Corp 7733 Datasheet HTML 389Page - Renesas Technology Corp 7733 Datasheet HTML 390Page - Renesas Technology Corp 7733 Datasheet HTML 391Page - Renesas Technology Corp 7733 Datasheet HTML 392Page - Renesas Technology Corp 7733 Datasheet HTML 393Page - Renesas Technology Corp 7733 Datasheet HTML 394Page - Renesas Technology Corp 7733 Datasheet HTML 395Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 940 page
background image
ELECTRICAL CHARACTERISTICS
7733 Group User’s Manual
15–12
15.6 Ready and Hold
1
With no wait
1
With wait
RDY input
Ready
E output
E output
RDY input
tsu(RDY– 1)
th( 1–RDY)
tsu(RDY– 1)
th( 1–RDY)
Measuring conditions
• VCC = 5 V ± 10 %
• Input timing voltage
:
VIL = 1.0 V, VIH = 4.0 V
• Output timing voltage
:
VOL = 0.8 V, VOH = 2.0 V
1
HOLD input
HLDA output
th( 1–HOLD)
td( 1–HLDA)
tsu(HOLD– 1)
Hold
td( 1–HLDA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com