Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 392 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 392 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 388Page - Renesas Technology Corp 7733 Datasheet HTML 389Page - Renesas Technology Corp 7733 Datasheet HTML 390Page - Renesas Technology Corp 7733 Datasheet HTML 391Page - Renesas Technology Corp 7733 Datasheet HTML 392Page - Renesas Technology Corp 7733 Datasheet HTML 393Page - Renesas Technology Corp 7733 Datasheet HTML 394Page - Renesas Technology Corp 7733 Datasheet HTML 395Page - Renesas Technology Corp 7733 Datasheet HTML 396Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 940 page
background image
ELECTRICAL CHARACTERISTICS
7733 Group User’s Manual
15–13
15.7 Single-chip mode
15.7 Single-chip mode
Timing requirements (Vcc = 5 V ± 10 %, Vss = 0 V, Ta = –20 to 85 °C, f(XIN) = 25 MHz (Note 1), unless
otherwise noted)
g The rise/fall time of an input signal must be 100 ns or less, unless otherwise noted.
tc
tw(H)
tw(L)
tr
tf
tsu(P0D–E)
tsu(P1D–E)
tsu(P2D–E)
tsu(P3D–E)
tsu(P4D–E)
tsu(P5D–E)
tsu(P6D–E)
tsu(P7D–E)
tsu(P8D–E)
th(E–P0D)
th(E–P1D)
th(E–P2D)
th(E–P3D)
th(E–P4D)
th(E–P5D)
th(E–P6D)
th(E–P7D)
th(E–P8D)
Min.
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Limits
Unit
Parameter
40
15
15
60
60
60
60
60
60
60
60
60
0
0
0
0
0
0
0
0
0
External clock input cycle time (Note 2)
External clock input high-level pulse width (Note 3)
External clock input low-level pulse width (Note 3)
External clock rise time
External clock fall time
Port P0 input setup time
Port P1 input setup time
Port P2 input setup time
Port P3 input setup time
Port P4 input setup time
Port P5 input setup time
Port P6 input setup time
Port P7 input setup time
Port P8 input setup time
Port P0 input hold time
Port P1 input hold time
Port P2 input hold time
Port P3 input hold time
Port P4 input hold time
Port P5 input hold time
Port P6 input hold time
Port P7 input hold time
Port P8 input hold time
Symbol
Max.
8
8
Notes 1: This is applied when the main clock division selection bit = “0” and f(f2) = 12.5 MHz.
2: When the main clock division selection bit = “1,” the minimum value of tc = 80 ns.
3: When the main clock division selection bit = “1,” values of tw(H)/tc and tw(L)/tc must be set to values
from 0.45 through 0.55.
td(E–P0Q)
td(E–P1Q)
td(E–P2Q)
td(E–P3Q)
td(E–P4Q)
td(E–P5Q)
td(E–P6Q)
td(E–P7Q)
td(E–P8Q)
Port P0 data output delay time
Port P1 data output delay time
Port P2 data output delay time
Port P3 data output delay time
Port P4 data output delay time
Port P5 data output delay time
Port P6 data output delay time
Port P7 data output delay time
Port P8 data output delay time
ns
ns
ns
ns
ns
ns
ns
ns
ns
Unit
Symbol
Max.
80
80
80
80
80
80
80
80
80
Min.
Limits
Parameter
Switching characteristics (Vcc = 5 V ± 10 %, Vss = 0 V, Ta = –20 to 85 °C, f(XIN) = 25 MHz (Note 1),
unless otherwise noted)
Conditions
Fig. 15.11.1
Note: This is applied when the main clock division selection bit = “0” and f(f2) = 12.5 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com