Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 396 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 396 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 392Page - Renesas Technology Corp 7733 Datasheet HTML 393Page - Renesas Technology Corp 7733 Datasheet HTML 394Page - Renesas Technology Corp 7733 Datasheet HTML 395Page - Renesas Technology Corp 7733 Datasheet HTML 396Page - Renesas Technology Corp 7733 Datasheet HTML 397Page - Renesas Technology Corp 7733 Datasheet HTML 398Page - Renesas Technology Corp 7733 Datasheet HTML 399Page - Renesas Technology Corp 7733 Datasheet HTML 400Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 940 page
background image
ELECTRICAL CHARACTERISTICS
7733 Group User’s Manual
15–17
15.9 Memory expansion mode and Microprocessor mode : with wait 1
15.9 Memory expansion mode and Microprocessor mode : with wait 1
Timing requirements (Vcc = 5 V ± 10 %, Vss = 0 V, Ta = –20 to 85 °C, f(XIN) = 25 MHz (Note 1), unless
otherwise noted)
g The rise/fall time of an input signal must be 100 ns or less, unless otherwise noted.
tc
tw(H)
tw(L)
tr
tf
tsu(D–E)
th(E–D)
Min.
ns
ns
ns
ns
ns
ns
ns
Limits
Unit
External clock input cycle time (Note 2)
External clock input high-level pulse width (Note 3)
External clock input low-level pulse width (Note 3)
External clock rise time
External clock fall time
Data input setup time
Data input hold time
40
15
15
32
0
Parameter
Max.
8
8
Symbol
Notes 1: This is applied when the main clock division selection bit = “0” and f(f2) = 12.5 MHz.
2: When the main clock division selection bit = “1,” the minimum value of tc = 80 ns.
3: When the main clock division selection bit = “1,” values of tw(H)/tc and tw(L)/tc must be set to values
from 0.45 through 0.55.
Switching characteristics (Vcc = 5 V ± 10 %, Vss = 0 V, Ta = –20 to 85 °C, f(XIN) = 25 MHz (Note 1),
unless otherwise noted)
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Limits
Max.
Data formula (Min.)
Min.
12
12
18
22
5
9
4
18
130
20
12
12
18
18
0
1 ! 109
2! f(f2)
1 ! 109
2! f(f2)
1 ! 109
2! f(f2)
1 ! 109
2! f(f2)
1 ! 109
2! f(f2)
– 28
– 28
– 22
– 18
– 35
Symbol
td(An–E)
td(A–E)
th(E–An)
tw(ALE)
tsu(A–ALE)
th(ALE–A)
td(ALE–E)
td(E–DQ)
th(E–DQ)
tw(EL)
tpxz(E–DZ)
tpzx(E–DZ)
td(BHE–E)
td(R/W–E)
th(E–BHE)
th(E–R/W)
td(E–
φ 1)
1 ! 109
2! f(f2)
4 ! 109
2! f(f2)
45
5
18
Parameter
Address output delay time
Address output delay time
Address hold time
ALE pulse width
Address output setup time
Address hold time
ALE output delay time
Data output delay time
Data hold time
E
pulse width
Floating start delay time
Floating release delay time
BHE
output delay time
R/W output delay time
BHE
hold time
R/W hold time
φ 1 output delay time
Conditions
Fig. 15.11.1
Notes 1: This is applied when the main clock division selection bit = “0” and f(f2) = 12.5 MHz.
2: f(f2) represents the clock f2 frequency.
For the relationship with the main clock and sub clock, refer to Table 14.3.1.
1 ! 109
2! f(f2)
1 ! 109
2! f(f2)
1 ! 109
2! f(f2)
1 ! 109
2! f(f2)
1 ! 109
2! f(f2)
– 22
– 30
– 20
– 28
– 28
– 22
– 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com