Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 397 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 397 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 393Page - Renesas Technology Corp 7733 Datasheet HTML 394Page - Renesas Technology Corp 7733 Datasheet HTML 395Page - Renesas Technology Corp 7733 Datasheet HTML 396Page - Renesas Technology Corp 7733 Datasheet HTML 397Page - Renesas Technology Corp 7733 Datasheet HTML 398Page - Renesas Technology Corp 7733 Datasheet HTML 399Page - Renesas Technology Corp 7733 Datasheet HTML 400Page - Renesas Technology Corp 7733 Datasheet HTML 401Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 940 page
background image
ELECTRICAL CHARACTERISTICS
7733 Group User’s Manual
15–18
15.9 Memory expansion mode and Microprocessor mode : with wait 1
When external memory area is accessed with wait 1 (Wait bit = “0” and Wait selection bit = “1”)
tc
th(E– R/W)
td(R/W–E)
td(BHE–E)
th(E– BHE)
tw(ALE)
th(E–An)
tw(EL)
td(E–φ1)
td(E–φ1)
Address
XIN
1
E
Address output
A0–A7, A8–A15
(BYTE = “H”)
Data input
D8–D15 (BYTE = “L”)
D0–D7 (BYTE = “H”)
ALE output
BHE output
R/W output
th(E– BHE)
td(ALE–E)
tsu(D–E)
th(E–D)
td(An–E)
td(E–φ1)
Address
Memory expansion mode and Microprocessor mode :
Port Pi output
(i = 4–8)
Port Pi input
(i = 4–8)
td(E–PiQ)
tsu(PiD–E)
th(E–PiD)
tw(H)
tw(L)
td(E–DQ)
th(ALE–A)
th(E–DQ)
Address/Data output
A16/D0–A23/D7,
A8/D8–A15/D15
(BYTE = “L”)
Data
tpxz(E–DZ)
tpzx(E–DZ)
(Write)
(Read)
td(E–φ1)
tw(EL)
th(E–An)
td(An–E)
td(ALE–E)
tw(ALE)
tr
tf
tw(L) tw(H)
tr
tf
tc
td(R/W–E)
td(BHE–E)
th(E– R/W)
Measuring conditions (Ports P4–P8)
• VCC = 5 V ± 10 %
• Input timing voltage
• Output timing voltage
: VIL = 1.0 V, VIH = 4.0 V
: VOL = 0.8 V, VOH = 2.0 V
Measuring conditions (
1
, E, Ports P0–P3)
• VCC = 5 V ± 10 %
• Output timing voltage
• Ports P1, P2 input
: VOL = 0.8 V, VOH = 2.0 V
: VIL = 0.8 V, VIH = 2.5 V
tsu(A–ALE)
td(A–E)
Address
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com