Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 469 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 469 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 465Page - Renesas Technology Corp 7733 Datasheet HTML 466Page - Renesas Technology Corp 7733 Datasheet HTML 467Page - Renesas Technology Corp 7733 Datasheet HTML 468Page - Renesas Technology Corp 7733 Datasheet HTML 469Page - Renesas Technology Corp 7733 Datasheet HTML 470Page - Renesas Technology Corp 7733 Datasheet HTML 471Page - Renesas Technology Corp 7733 Datasheet HTML 472Page - Renesas Technology Corp 7733 Datasheet HTML 473Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 940 page
background image
LOW VOLTAGE VERSION
7733 Group User’s Manual
18–3
Items
Number of basic instructions
The minimum instruction execution time
Main-clock frequency f(XIN)
Sub-clock frequency f(XCIN)
Memory size
Programmable input/output
ports
Multi-function timers
Serial I/O
A-D converter
Watchdog timer
Interrupts
Clock generating circuits
Power source voltage
Power consumption (in single-chip mode)
Port input/output
characteristics
Memory expansion
Operating temperature range
Device structure
Package
18.1 Performance overview
Table 18.1.1 shows the performance overview of the M37733MHLXXXHP.
Table 18.1.1 M37733MHLXXXHP performance overview
ROM
RAM
Ports P0–P2, P4–P8
Port P3
Timers A0–A4
Timers B0–B2
UART0–UART2
Main-clock oscillation
circuit
Sub-clock oscillation
circuit
Input/Output withstand
voltage
Output current
Performance
103
333 ns (When f(XIN) = 12 MHz and main clock
is system clock)
12 MHz (Max.) (Note)
32.768 kHz (Typ.)
124 kbytes
3968 bytes
8 bits ! 8
4 bits ! 1
16 bits ! 5
16 bits ! 3
(UART or clock synchronous serial I/O) ! 3
(10-bit successive approximation method) ! 1(8 channels)
12 bits ! 1
3 external, 16 internal (By software, one of interrupt priority
levels 0 to 7 can be set for each interrupt.)
Built-in (externally connected to a ceramic reso-
nator or a quartz-crystal oscillator)
Built-in (externally connected to a quartz-crystal
oscillator)
2.7 V – 5.5 V
9 mW (When f(XIN) = 12 MHz, Vcc = 3 V, and
the main clock is the system clock, Typ.)
22.5 mW (When f(XIN) = 12 MHz, Vcc = 5 V, the
main clock is the system clock, Typ.)
90
µW (When f(XCIN) = 32 kHz, Vcc = 3 V, the
sub clock is the system clock, and the main clock
is stopped, Typ.)
5 V
5 mA
Possible (Maximum of 16 Mbytes)
–40
°C to +85 °C
High-performance CMOS silicon gate process
80-pin plastic molded fine-pitch QFP
Note: When the main clock division selection bit = “1,” the maximum value of f(XIN) = 6 MHz.
18.1 Performance overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com