Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 465 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 465 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 461Page - Renesas Technology Corp 7733 Datasheet HTML 462Page - Renesas Technology Corp 7733 Datasheet HTML 463Page - Renesas Technology Corp 7733 Datasheet HTML 464Page - Renesas Technology Corp 7733 Datasheet HTML 465Page - Renesas Technology Corp 7733 Datasheet HTML 466Page - Renesas Technology Corp 7733 Datasheet HTML 467Page - Renesas Technology Corp 7733 Datasheet HTML 468Page - Renesas Technology Corp 7733 Datasheet HTML 469Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 465 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–57
(4) Approximate flowchart
Fig. 17.5.5 Approximate flowchart
Clock prescaler is initialized.
A value of “8016” is written to address 6F 16 by executing the LDM instruction.
Main routine
INT0 interrupt control register
“11 16”
(address 7D16)
Oscillation circuit control register (address 6F 16)
“8016”
Count start flag (address 40 16)
“C016”
Timer B2 interrupt routine
Count-up processing for clock
RTI
Counted up every minute
INT0 interrupt routine
INT0 level/edge selection bit = “?”
(bit 4 at address 7D 16)
Timer B1 count start flag
“0”
(bit 6 at address 40 16)
By setting interrupt priority level, interrupts
other than INT 0 are disabled.
System clock stop bit at wait state
(bit 5 at address 6C 16)
“1”
Timer B1 count start flag
“1 ”
(bit 6 at address 40 16)
Timer B1 register
FFFF 16
(addresses 5316 and 5216)
Timer B1 count start flag
“0”
(bit 6 at address 40 16)
Timer B1 register
FFFE 16
(addresses 5316 and 5216)
Timer B1 count start flag
“1”
(bit 6 at address 40 16)
Make INT0 interrupt priority level higher.
WIT instruction
Make INT0 interrupt priority level to the
former level.
RTI
INT0 interrupt control register
(address 7D16)
“01 16”
Timer B1 interrupt request bit = ?
(bit 3 at address 7B 16)
Count value of timers B1 and B2
Clock counter
Display urging user to set time again
INT0 interrupt polarity is
selected.
(Falling edge: “H”
“L”)
INT0 interrupt polarity is
selected.
(Rising edge: “L”
“H”)
Counting for timer B1 stops.
Counting for timer B1 starts.
Counting for timer B1 stops.
0: No request
0: No request
1: Requested
1: Rising edge (“L”
“H”)
0: Falling edge (“H”
“L”)
Count start flag
Counting for timers B1 and B2 start
1: Requested
g By software initial settings, interrupt priority level is set as follows:
q Timer B2 < INT0
Counting for timer B1 starts.
Timer B2 interrupt request bit = ?
(bit 3 at address 7C 16)
17.5 Timer B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com