Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 464 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 464 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 460Page - Renesas Technology Corp 7733 Datasheet HTML 461Page - Renesas Technology Corp 7733 Datasheet HTML 462Page - Renesas Technology Corp 7733 Datasheet HTML 463Page - Renesas Technology Corp 7733 Datasheet HTML 464Page - Renesas Technology Corp 7733 Datasheet HTML 465Page - Renesas Technology Corp 7733 Datasheet HTML 466Page - Renesas Technology Corp 7733 Datasheet HTML 467Page - Renesas Technology Corp 7733 Datasheet HTML 468Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 464 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–56
(3) Initial settings for related registers
Fig. 17.5.4 Initial settings for related registers
b15
b0
EFFF16
Clocks f2 to f512 are operating in the wait mode. (Note 2)
b7
b0
Oscillation circuit control register 0 (address 6C 16)
XX
Sub clock is used. (Note 1)
X
01
Timer B1 mode register (address 5C 16)
Timer B2 mode register (address 5D 16)
01: Count at the rising edge
01: Event counter mode
b7
b0
XX
1
X
X
01
0
Timer B1 interrupt control register (address 7B 16)
No interrupt is requested.
Interrupt is disabled.
b7
b0
0
0
00
Timer B2 interrupt control register (address 7C 16)
Interrupt priority level (any value other than “000 2”) is set.
No interrupt is requested.
b7
b0
00
01
Port function control register (address 6D 16)
Timers B1 and B2 are connected internally.
Must be fixed to “0.”
b7
b0
1
XXX
X
0X X
INT0 interrupt control register (address 7D 16)
b7
b0
1
0
Interrupt priority level (any value other than “000 2”) is set.
00
00
Edge sense
Interrupt request bit is set at the falling edge ( “H” to “L”).
No interrupt is requested.
Timer B2 register (addresses 55 16 and 5416)
b15
b0
FFFF16
Timer B1 register (addresses 53 16 and 5216)
X: It may be “0” or “1.”
Notes 1: Once this bit is set to “1,” it cannot be cleared to “0.”
2: When setting this bit to “1,” set “1” to this bit immediately before the WIT instruction is executed.
Furthermore, clear this bit to “0” immediately after the wait mode is terminated.
17.5 Timer B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com