Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 463 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 463 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 459Page - Renesas Technology Corp 7733 Datasheet HTML 460Page - Renesas Technology Corp 7733 Datasheet HTML 461Page - Renesas Technology Corp 7733 Datasheet HTML 462Page - Renesas Technology Corp 7733 Datasheet HTML 463Page - Renesas Technology Corp 7733 Datasheet HTML 464Page - Renesas Technology Corp 7733 Datasheet HTML 465Page - Renesas Technology Corp 7733 Datasheet HTML 466Page - Renesas Technology Corp 7733 Datasheet HTML 467Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–55
Fig. 17.5.2 Timing chart
(2) Structure of timer B block where timers B1 and B2 are internally connected
Figure 17.5.3 shows the structure of the timer B block.
Fig. 17.5.3 Structure of timer B block
5 V
2.75 V
2.2 V
0 V
Vcc
RESET
INT0
Wait mode
Approx. 45.5 days (Max.)
ab
c
d
Main power source
Backup power source
Main clock
: f(XIN)
Sub clock
: f(XCIN)
1/32
Clock timer
fc32
Timer B2 reload
register
Timer B1 reload
register
Timer B1 counter
Timer B1 interrupt
request bit
Timer B2 interrupt
request bit
Event counter mode
Timer B1 internal
connect selection bit
Clock prescaler
(Timer B2 counter)
System clock
(Clock source for clocks f 2 to f512 and internal clock
)
17.5 Timer B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com