Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 462 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 462 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 458Page - Renesas Technology Corp 7733 Datasheet HTML 459Page - Renesas Technology Corp 7733 Datasheet HTML 460Page - Renesas Technology Corp 7733 Datasheet HTML 461Page - Renesas Technology Corp 7733 Datasheet HTML 462Page - Renesas Technology Corp 7733 Datasheet HTML 463Page - Renesas Technology Corp 7733 Datasheet HTML 464Page - Renesas Technology Corp 7733 Datasheet HTML 465Page - Renesas Technology Corp 7733 Datasheet HTML 466Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–54
17.5 Timer B
An application example of the clock timer (Timer B) is described below.
17.5.1 Application example of clock timer
In this example, the clock timer is controlled by a clock of 32.768 kHz. When the main power source is
off, the clock timer can continue counting for the maximum of approximate 45 days by using the backup
power source and the internal connect function between timers B1 and B2.
(1) Specifications
Œ Main power source = 5 V to 2.75 V. Backup power source = 2.75 V to 2.2 V
 Timer B2 uses the sub clock (32.768 kHz) divided by 32 as the count source and counts the time
up to 1 minute.
Ž Timer B2 counts the power-source-off time up to the maximum of approximate 45 days, checking
the timer B2’s overflow signal.
 The clock counter is counted up each time timer B2 interrupt occurs, in other words, every 1 minute.
 When Vcc is less than 2.75 V, in other words, when the main power source is off, the INT0 input’s
level changes from “H” to “L” and the microcomputer enters the wait mode at this falling edge.
(Refer to “a” in Figure 17.5.2.)
‘ In the wait mode (Vcc = 2.2 V or more), only timers B2 and B1 do counting. (In this case, note that
clock display is disabled and the timer B2 and B1 interrupts are disabled.)
’ When Vcc = 2.75 V or more in the wait mode, in other words, when the main power source is on,
the INT0 input’s level changes from “L” to “H” and the wait mode is terminated at the INT0 input’s
rise. (Refer to “b” in Figure 17.5.2.) At this time, the following is done according to the timer B1’s
state.
•When no overflow has occurred in timer B1 (Timer B1 interrupt request bit = “0”), timer B1’s value
is added to the clock counter’s value which was obtained immediately before the wait mode.
•When an overflow has occurred in timer B1, in other words, when a period of approximate 45 days
or more has passed, a message for resetting time is displayed.
“ When Vcc = 2.2 V or less, the microcomputer enters the reset state owing to the power source
detection circuit. (Refer to “c” in Figure 17.5.2.) And then, when Vcc = 2.75 V or more, the
microcomputer is released from reset state. (Refer to “d” in Figure 17.5.2.)
Fig. 17.5.1 Connection example
Detection voltage
Vcc
RESET
INT0
Vss
XCIN
XCOUT
32.768 kHz
M37733MHBXXXFP
Power source detection circuit
Reset signal
Control signal
Clock display
Main power source (5 V)
Backup power source
17.5 Timer B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com