Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 458 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 458 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 454Page - Renesas Technology Corp 7733 Datasheet HTML 455Page - Renesas Technology Corp 7733 Datasheet HTML 456Page - Renesas Technology Corp 7733 Datasheet HTML 457Page - Renesas Technology Corp 7733 Datasheet HTML 458Page - Renesas Technology Corp 7733 Datasheet HTML 459Page - Renesas Technology Corp 7733 Datasheet HTML 460Page - Renesas Technology Corp 7733 Datasheet HTML 461Page - Renesas Technology Corp 7733 Datasheet HTML 462Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–51
(3) Approximate flowchart
Fig. 17.4.5 Approximate flowchart (1)
[F_WIT]: Flag used to determine whether an INT0 interrupt
request has occurred or not
Main clock oscillation circuit: Oscillating
<<C>>
Main routine
System clock selection bit
“1”
(bit 3 at address 6C 16)
System clock:
Main clock
Sub clock
<<A>>
VREF connection selection bit
“1”
(bit 5 at address 1F 16)
Pin VREF is disconnected from resistor ladder network.
(Note 1)
Port level is fixed.
(Note 2)
Wait mode is selected.
Main clock stop bit
“1”
(bit 2 at address 6C 16)
Main clock oscillation circuit: Stopped
<<B>>
Main clock stop bit
“0”
(bit 2 at address 6C 16)
0: INT0 interrupt
[F_WIT]
“1”
Clock timer
interrupt request
occurs.
[F_WIT] = “1” ?
“1”: Clock timer
interrupt
WIT
INT0
interrupt
request occurs.
(By this setting, the wait mode is terminated
only when an INT0 interrupt request occurs.)
Bits 2 to 0 at addresses 70 16
to 7B16, 7E16, and 7F16
“0002”
Interrupts other than timer B2 and INT0 interrupts are
disabled.
Timer B2 count start flag
“1”
(bit 7 at address 40 16)
Clock timer starts counting .
System clock selection bit
“0”
(bit 3 at address 6C 16)
System clock:
Sub clock
Main clock (Note 3)
<<D>>
<<A>> <<B>> <<C>> <<D>>: Refer to Figure 17.4.8.
For Notes 1 to 3, refer to the next page.
17.4 Power saving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com