Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 455 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 451Page - Renesas Technology Corp 7733 Datasheet HTML 452Page - Renesas Technology Corp 7733 Datasheet HTML 453Page - Renesas Technology Corp 7733 Datasheet HTML 454Page - Renesas Technology Corp 7733 Datasheet HTML 455Page - Renesas Technology Corp 7733 Datasheet HTML 456Page - Renesas Technology Corp 7733 Datasheet HTML 457Page - Renesas Technology Corp 7733 Datasheet HTML 458Page - Renesas Technology Corp 7733 Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–48
Note: Regardless of this setting, in the following cases, pin
1
outputs “L” level in the stop mode:
q When the signal output disable selection bit is set to “0” in the microprocessor mode
q When the clock
1
output selection bit is set to “1” in the memory expansion mode
STP
VREF connection selection bit
“1”
(bit 5 at address 1F16)
Pin VREF is disconnected from resistor ladder
network.
Stop mode is selected.
Interrupt request
occurs.
Port P0 register
“001111112”
(address 216)
Port P1 register
“000000002”
(address 316)
Port P2 register
“000000002”
(address 616)
Port P3 register
“000010112”
(address 716)
Levels of ports other than the above are fixed.
Signal output disable selection bit
“1”
(bit 6 at address 6C16)
I/O pins’ levels of external bus and bus control signals
in the stop mode are set.
(These levels can be set by the corresponding port
register’s bits.)
In this example, I/O pins for “L”-active signals are set to
“H” and the other pins are set to “L.”
Ports which correspond to I/O pins of external bus
and bus control signals: Output mode
(This setting is done in order to output a value set
to a port register in the stop mode)
Pin
1
’s state in the stop mode is set (Note).
In this example, “L” level output is set.
Pin E’s output level in the stop mode is set.
In this example, it is set to “L.”
Port P0 direction register
“FF16”
(address 416)
Port P1 direction register
“FF16”
(address 516)
Port P2 direction register
“FF16”
(address 816)
Port P3 direction register
“FF16”
(address 916)
Main routine
Port P4 register’s bit which corresponds to P42 pin
“0”
(bit 2 at address A16)
Port P4 direction register’s bit which corresponds to P42 pin
“1”
(bit 2 at address C16)
Standby state selection bit
“1”
(bit 0 at address 6D16)
Standby state selection bit: “1”
(In the stop mode, a value which is set to the
corresponding port register is output from an I/O
pin of the external bus or bus control signals.)
Fig. 17.4.3 Fixing I/O pins’ levels of external bus and bus control signals (Microprocessor mode)
17.4 Power saving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com