Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 457 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 457 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 453Page - Renesas Technology Corp 7733 Datasheet HTML 454Page - Renesas Technology Corp 7733 Datasheet HTML 455Page - Renesas Technology Corp 7733 Datasheet HTML 456Page - Renesas Technology Corp 7733 Datasheet HTML 457Page - Renesas Technology Corp 7733 Datasheet HTML 458Page - Renesas Technology Corp 7733 Datasheet HTML 459Page - Renesas Technology Corp 7733 Datasheet HTML 460Page - Renesas Technology Corp 7733 Datasheet HTML 461Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–50
(2) Initial settings for related registers
Fig. 17.4.4 Initial settings for related registers
X: It may be “0” or “1.”
b7
b0
Timer B2 interrupt control register (address 7C 16)
Interrupt priority level is set. (Note that a value other than “000 2” is set.)
0
Interrupt request bit: 0 (Initialized)
Interrupt disable flag (I)
“0”: Interrupt is enabled.
b7
b0
INT0
interrupt control register (address 7D 16)
Interrupt priority level is set. (Note that a value other than “000 2” is set.)
0
Interrupt request bit: 0 (Initialized)
0
0
An interrupt request occurs at the falling edge.
Interval of the clock timer’s interrupt request
occurrence: 1 second
b15
b8
Timer B2 register (addresses 55 16 and 5416)
0316
b7
b0
FF16
Settings for the clock timer
b7
b0
Timer B2 mode register (address 5D 16)
X
01
0 1
XCIN-XCOUT is selected. (Sub clock is used.)
b7
b0
Oscillation circuit control register 0 (address 6C 16)
1
In the wait mode, clocks
2
to
512
are stopped.
1
X
XX
An external clock is selected as the main clock.
Watchdog timer is not used when the stop mode is terminated.
b7
b0
Oscillation circuit control register 1 (address 6F 16)
0
X1 1 1
An external clock is selected as the sub clock and P7 6 functions as a port.
Watchdog timer is not used when the stop mode is terminated.
In the one time PROM version or EPROM version of the 7733 Group, this bit
must be fixed to “1.” (In 7735 Group, this bit must be fixed to “0.” )
Must be fixed to “0.”
Note: When writing a value to this register, write a value of “55 16” by executing the LDM instruction,
and then write a desired value. (Refer to Figure 11.2.4. )
17.4 Power saving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com