Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 452 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 452 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 448Page - Renesas Technology Corp 7733 Datasheet HTML 449Page - Renesas Technology Corp 7733 Datasheet HTML 450Page - Renesas Technology Corp 7733 Datasheet HTML 451Page - Renesas Technology Corp 7733 Datasheet HTML 452Page - Renesas Technology Corp 7733 Datasheet HTML 453Page - Renesas Technology Corp 7733 Datasheet HTML 454Page - Renesas Technology Corp 7733 Datasheet HTML 455Page - Renesas Technology Corp 7733 Datasheet HTML 456Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–45
(2) Initial settings for related registers
17.4 Power saving
Fig. 17.4.1 Initial settings for related registers
Pins KI0
to KI3 are pulled high.
Port P5 direction register (address D 16)
Pins P50 to P53: Output mode
b7
b0
00
0
Pins P54 to P57 (KI0 to KI3): Input mode
01 1
1 1
X: It may be “0” or “1.”
Pins P50 to P53’s output (scan output) level: “L”
b7
b0
Port P5 register (address B 16)
00 0 0
Key input interrupt function is selected.
Must be fixed to “0.”
b7
b0
Port function control register (address 6D 16)
11
0
Interrupt disable flag (I)
b7
b0
INT2
/Key input interrupt control register (address 7F 16)
0
00
Interrupt priority level is set. (Note that a value other than “000 2” is set.)
Interrupt request bit: 0 (Initialized)
Must be fixed to “0.”
“0”: Interrupt is enabled.
Must be fixed to “0.”
An external clock is selected as the main clock.
Watchdog timer is not used when the stop mode is terminated.
Oscillation circuit control register 1 (address 6F 16) (Note)
In the one time PROM version or EPROM version of the 7733 Group,
this bit must be fixed to “1.” (In the 7735 Group, this bit must be fixed to “0.” )
b7
b0
1
0
1
0
Pin P64/INT2 is not used for the key input interrupt.
Note: When writing a value to this register, write a value of “5516
” by executing theLDM instruction,
and then write a desired value. (Refer to Figure 11.2.4.)
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com