Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 448 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 448 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 444Page - Renesas Technology Corp 7733 Datasheet HTML 445Page - Renesas Technology Corp 7733 Datasheet HTML 446Page - Renesas Technology Corp 7733 Datasheet HTML 447Page - Renesas Technology Corp 7733 Datasheet HTML 448Page - Renesas Technology Corp 7733 Datasheet HTML 449Page - Renesas Technology Corp 7733 Datasheet HTML 450Page - Renesas Technology Corp 7733 Datasheet HTML 451Page - Renesas Technology Corp 7733 Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–41
17.3 Watchdog timer
A program runaway detection example with using the watchdog timer is described below.
17.3.1 Program runaway detection example
In this example, when the watchdog timer detect a program runaway, the microcomputer is reset.
(1) Specifications
Œ The main clock is the system clock and f(XIN) = 16 MHz.
 When an interval of 4.09 ms has passed after value “FFF16” is set, the watchdog timer issues
an interrupt request. (When writing to address 6016 is not performed because of a program runa-
way.)
Ž When a watchdog timer interrupt request occurs, the microcomputer is reset. (“Software reset” is
applied.)
(2) Initial setting for related register
17.3 Watchdog timer
Fig. 17.3.1 Initial setting for related register
Watchdog timer count source: clock f 32
(In the case where f(XIN) = 16 MHz, a watchdog timer interrupt request occurs
when an interval of 4.09 ms has passed after value “FFF 16” is set.)
b7
b0
@ Watchdog timer frequency selection flag (address 61 16)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com