Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 447 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 447 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 443Page - Renesas Technology Corp 7733 Datasheet HTML 444Page - Renesas Technology Corp 7733 Datasheet HTML 445Page - Renesas Technology Corp 7733 Datasheet HTML 446Page - Renesas Technology Corp 7733 Datasheet HTML 447Page - Renesas Technology Corp 7733 Datasheet HTML 448Page - Renesas Technology Corp 7733 Datasheet HTML 449Page - Renesas Technology Corp 7733 Datasheet HTML 450Page - Renesas Technology Corp 7733 Datasheet HTML 451Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–40
(3) Approximate flowchart
Port P4 register
“!!!!1!!!2”
(
address A16)
Waiting for the start of transmission
Transmit data is set.
Main routine
Transmission buffer empty flag = “1” ?
(bit 1 at address 3D 16)
Transmission register empty flag = “1” ?
(bit 3 at address 3C 16)
1: Transfer is completed.
UART1 transmission buffer register
[Transmit data 2]
(
address 3A16)
Transmission buffer empty flag = “1” ?
(bit 1 at address 3D 16)
1: Transfer is completed.
1: Transmission is completed.
1: Transmission is completed.
0
0
0
0
16-bit data is transmitted by the 8 bits in two operations.
Waiting for the completion of transmission
Strobe signal’s level: “H”
Transmit data is set.
Waiting for the completion of transmission
Waiting for the start of transmission
UART1 transmission buffer register
[Transmit data 1]
(
address 3A16)
Waiting
Port P4 register
“XXXX0XXX 2”
(address A16)
Strobe signal’s level: “L”
Port P4 register
“XXXX1XXX 2”
(address A16)
Strobe signal’s level: “H”
Waiting
Port P4 register
“XXXX0XXX 2”
(address A16)
Strobe signal’s level: “L”
NOP instruction or others are used.
“H” level output time for a strobe signal is set.
NOP instruction or others are used.
“H” level output time for a strobe signal is set.
Transmission register empty flag = “1”
(bit 3 at address 3C 16)
X: It may be “0” or “1.”
17.2 Serial I/O
Fig. 17.2.18 Approximate flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com