Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 445 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 445 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 441Page - Renesas Technology Corp 7733 Datasheet HTML 442Page - Renesas Technology Corp 7733 Datasheet HTML 443Page - Renesas Technology Corp 7733 Datasheet HTML 444Page - Renesas Technology Corp 7733 Datasheet HTML 445Page - Renesas Technology Corp 7733 Datasheet HTML 446Page - Renesas Technology Corp 7733 Datasheet HTML 447Page - Renesas Technology Corp 7733 Datasheet HTML 448Page - Renesas Technology Corp 7733 Datasheet HTML 449Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–38
17.2.4 8-bit transmission example (Clock synchronous serial I/O mode)
In this example, after 8-bit data is transmitted with UART1 used, a strobe signal is output.
(1) Specifications
Œ Clock synchronous serial I/O mode is selected.
 An internal clock is selected. Transfer rate = 2 MHz
Ž LSB first is selected.
 Transmit data is output at the falling edge of the transfer clock.
 Pin TxD1’s output structure: CMOS output
‘ A strobe signal is output from port P43 each time 8-bit data is transmitted. (Refer to Figure 17.2.16.)
’ Completion of the transmission is determined by checking the transmission register empty flag.
Fig. 17.2.15 Connection example
Fig. 17.2.16 Strobe signal output timing
17.2 Serial I/O
CLK1
P43 (Strobe signal)
D0
D1
D2
D3
D4
D5
D6
D7
TXD1
CLK1
TXD1
P43
CLK
IN
STB
M37733MHBXXXFP
Peripheral IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com