Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 443 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 443 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 439Page - Renesas Technology Corp 7733 Datasheet HTML 440Page - Renesas Technology Corp 7733 Datasheet HTML 441Page - Renesas Technology Corp 7733 Datasheet HTML 442Page - Renesas Technology Corp 7733 Datasheet HTML 443Page - Renesas Technology Corp 7733 Datasheet HTML 444Page - Renesas Technology Corp 7733 Datasheet HTML 445Page - Renesas Technology Corp 7733 Datasheet HTML 446Page - Renesas Technology Corp 7733 Datasheet HTML 447Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–36
17.2 Serial I/O
Fig. 17.2.13 Approximate flowchart (2)
Main routine
[F_DATAIN]
= “1” ?
[F_DATAIN]
0”
1: Reception interrupt request has occurred.
0
Whether reception has been completed
or not is determined.
The flag used to determine whether a
reception interrupt request has occurred
or not is initialized.
[F_DATAIN]: Flag used to determine whether a reception interrupt
request has occurred or not
[F_ERROR]: Flag used to determine whether a data reception error
has occurred or not
[F_ERROR] ?
0: No error is found.
1: Error is found.
Whether data has been correctly received
or not is determined.
Error processing
(Note)
Received data processing
When an error occurs, reception is disabled in a reception interrupt routine. Therefore, when restarting
reception after error processing is completed in the main routine, make reception enabled again.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com