Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 439 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 435Page - Renesas Technology Corp 7733 Datasheet HTML 436Page - Renesas Technology Corp 7733 Datasheet HTML 437Page - Renesas Technology Corp 7733 Datasheet HTML 438Page - Renesas Technology Corp 7733 Datasheet HTML 439Page - Renesas Technology Corp 7733 Datasheet HTML 440Page - Renesas Technology Corp 7733 Datasheet HTML 441Page - Renesas Technology Corp 7733 Datasheet HTML 442Page - Renesas Technology Corp 7733 Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–32
(3) Approximate flowchart
Transmission buffer
empty flag = “1” ?
(bit 1 at address 35 16)
Serial transmit control register
“XX01XXXX 2”
(address 6E16)
Main routine
Transfer clock is output from pin CLK 0.
(Data is transmitted to peripheral IC1.)
UART0 transmission buffer register
[Transmit data 1]
(address 3216)
Transmission register
empty flag = “1” ?
(bit 3 at address 34 16)
1: Transfer is completed.
Serial transmit control register
“XX10XXXX 2”
(address 6E16)
UART0 transmission buffer register
[Transmit data 2]
(address 3216)
Transmission register
empty flag = “1” ?
(bit 3 at address 34 16)
1: Transfer is completed.
1: Transmission is completed.
1: Transmission is completed.
0
0
0
0
At first, transmit data 1 is transmitted to peripheral IC1,
and then transmit data 2 is transmitted to peripheral IC2.
Transmit data is set.
Waiting for the completion of transmission
Waiting for the start of transmission
Transfer clock is output from pin CLKS 0.
(Data is transmitted to peripheral IC2.)
Transmit data is set.
Waiting for the completion of transmission
Waiting for the start of transmission
Transmission buffer
empty flag = “1” ?
(bit 1 at address 35 16)
X: It may be “0” or “1.”
Fig. 17.2.9 Approximate flowchart
17.2 Serial I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com