Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 438 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 438 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 434Page - Renesas Technology Corp 7733 Datasheet HTML 435Page - Renesas Technology Corp 7733 Datasheet HTML 436Page - Renesas Technology Corp 7733 Datasheet HTML 437Page - Renesas Technology Corp 7733 Datasheet HTML 438Page - Renesas Technology Corp 7733 Datasheet HTML 439Page - Renesas Technology Corp 7733 Datasheet HTML 440Page - Renesas Technology Corp 7733 Datasheet HTML 441Page - Renesas Technology Corp 7733 Datasheet HTML 442Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–31
(2) Initial settings for related registers
17.2 Serial I/O
X: It may be “0” or “1.”
Clock synchronous serial I/O mode
b7
b0
UART0 transmit/receive mode register (address 30 16)
0X
X
Internal clock is selected.
X0 0
0 1
Must be fixed to “0.”
CTS
/RTS function is disabled.
BRG0 count source: f2
b7
b0
UART0 transmit/receive control register 0 (address 34 16)
10
1
0X X 0 0
Pin TXD0’s output structure: CMOS output
Transmit data is output at the falling edge of the transfer clock.
MSB first
When the system clock (main clock) frequency = 16 MHz,
transfer rate = 2 MHz
b7
b0
UART0 baud rate register (BRG0) (address 31 16)
0116
Transmission is enabled.
b7
b0
UART0 transmit/receive control register 1 (address 35 16)
XX
X
Reception is disabled.
XX 0 X 1
0
00
X
b7
b0
UART0 transmission interrupt control register (address 71 16)
UART0 transmission interrupt is disabled.
Pin CLKS1 is in the output mode when not transferring.
b7
b0
Port P8 direction register (address 14 16)
XX 1
Pin CLKS1 outputs “H” level when not transferring.
b7
b0
Port P8 register (address 12 16)
X XX 1
By this setting, pin CLKS 1 functions as port P8 0 and outputs “H” level when not transferring,
in other words, when no clock is output.
g
1
Pin CLKS0 do the processing of “output when not transferring.”
(“H” level is output.)
g
g
0
Fig. 17.2.8 Initial settings for related registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com