Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 435 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 435 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 431Page - Renesas Technology Corp 7733 Datasheet HTML 432Page - Renesas Technology Corp 7733 Datasheet HTML 433Page - Renesas Technology Corp 7733 Datasheet HTML 434Page - Renesas Technology Corp 7733 Datasheet HTML 435Page - Renesas Technology Corp 7733 Datasheet HTML 436Page - Renesas Technology Corp 7733 Datasheet HTML 437Page - Renesas Technology Corp 7733 Datasheet HTML 438Page - Renesas Technology Corp 7733 Datasheet HTML 439Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–28
17.2 Serial I/O
Examples for serial I/O are described below:
•Examples where the microcomputer is connected with an external device by using serial I/O
•Examples where serial data is transmitted and received
17.2.1 Connection examples with external device (Clock synchronous serial I/O mode)
(1) Connection with peripheral ICs
17.2 Serial I/O
Fig. 17.2.2 Example where transmission/recep-
tion is performed
Fig. 17.2.1 Example where only transmission is
performed
Fig. 17.2.3 Example where transmission/reception is performed (Connection example with wired-
OR)
CLKi
TXDi
CLK
IN
M37733MHBXXXFP
Peripheral IC
(OSD controller and so on)
CLKi
TXDi
RXDi
CLK
IN
OUT
M37733MHBXXXFP
Peripheral IC
(E PROM and so on)
2
CLKi
TXDi
RXDi
CLK
IN
OUT
M37733MHBXXXFP
Peripheral IC
(E PROM and so on)
2
g Set pin TxDi to N-channel open-drain output.
UART0: Data output selection bit ( bit 5 at address 34 16)
“1”
UART1: Data output selection bit ( bit 5 at address 3C 16)
“1”
When receiving, be sure to set pin TxD i’s output to “H” level.
(Pin RxDi is in a floating state.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com