Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 433 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 433 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 429Page - Renesas Technology Corp 7733 Datasheet HTML 430Page - Renesas Technology Corp 7733 Datasheet HTML 431Page - Renesas Technology Corp 7733 Datasheet HTML 432Page - Renesas Technology Corp 7733 Datasheet HTML 433Page - Renesas Technology Corp 7733 Datasheet HTML 434Page - Renesas Technology Corp 7733 Datasheet HTML 435Page - Renesas Technology Corp 7733 Datasheet HTML 436Page - Renesas Technology Corp 7733 Datasheet HTML 437Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–26
Fig. 17.1.19 Port expansion example where M66010FP is used
17.1 Memory expansion
Circuit conditions: UART0 is used in clock synchronous serial I/O mode.
Internal clock is selected.
Transfer clock frequency
25 MHz
TxD0
RxD0
CLK0
P44
P45
RTS0
M37733MHBXXXFP
XIN
XOUT
DI
DO
CLK
CS
S
Vcc
GND
CNVss
BYTE
M66010FP
Expanded I/O ports
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
D16
D17
D18
D19
D20
D21
D22
D23
D24
A0 to A7
A8/D8 to
A15/D15
A16/D0 to
A23/D7
ALE
E
1
R/W
BHE
Open
f2
2 (3 + 1)
=
= 1.5625 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com