Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 430 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 430 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 426Page - Renesas Technology Corp 7733 Datasheet HTML 427Page - Renesas Technology Corp 7733 Datasheet HTML 428Page - Renesas Technology Corp 7733 Datasheet HTML 429Page - Renesas Technology Corp 7733 Datasheet HTML 430Page - Renesas Technology Corp 7733 Datasheet HTML 431Page - Renesas Technology Corp 7733 Datasheet HTML 432Page - Renesas Technology Corp 7733 Datasheet HTML 433Page - Renesas Technology Corp 7733 Datasheet HTML 434Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–23
(3) ROM and SRAM expansion example on maximum model
Figure 17.1.17 shows an expansion example for ROM and SRAM on the maximum model (with two
32-Kbyte ROMs and two 32-Kbyte SRAMs, microprocessor mode). Figure 17.1.18 shows the corre-
sponding timing diagram.
17.1 Memory expansion
Fig. 17.1.17 Expansion example for ROM and SRAM on maximum model
000016
008016
External ROM
area
(M5M27C256AK!2)
SFR area
Internal RAM
area
External RAM
area
(M5M5256CP!2)
Memory map
1FFFF16
1000016
088016
AC32
AC04
20 MHz
XIN
XOUT
M37733S4BFP
BYTE
A16
A8 to A15
Data bus (even)
Data bus (odd)
AC573
DQ
LE
AC32
AC04
RD
D0
to D7
D8
to D15
Address bus
WO
A0 to A14
D0 to D7
M5M27C256AK-15
A1
to A15
D0 to D7
OE
A0 to A14
CE
A1
to A15
S
S
A0 to A14
A0 to A14
DQ1 to DQ8
DQ1 to DQ8
OE
W
OE
W
A1
to A15
A1
to A15
D0
to D7
M5M5256CP-70LL
OE
D8
to D15
CE
WE
A1 to A7
A8/D8 to
A15/D15
ALE
A16/D0
D1 to D7
R/W
E
A0
BHE
CNVSS
g2
g1
g3
AC573
DQ
LE
g2
Circuit conditions: Wait 1 is valid,
1
=
2
,
f(XIN)
8
,
f(XIN)
16
,
f(XIN)
2
f(XCIN)
or
g1, g2 Make sure that the following relationship is satisfied:
q The sum of propagation delay time of g1 and that of
g2 is 90 ns or less.
g2 Make sure that the propagation delay time is 10 ns or less.
g3 Make sure that the propagation delay time is 15 ns or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com