Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 428 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 428 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 424Page - Renesas Technology Corp 7733 Datasheet HTML 425Page - Renesas Technology Corp 7733 Datasheet HTML 426Page - Renesas Technology Corp 7733 Datasheet HTML 427Page - Renesas Technology Corp 7733 Datasheet HTML 428Page - Renesas Technology Corp 7733 Datasheet HTML 429Page - Renesas Technology Corp 7733 Datasheet HTML 430Page - Renesas Technology Corp 7733 Datasheet HTML 431Page - Renesas Technology Corp 7733 Datasheet HTML 432Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–21
(2) ROM expansion example on maximum model
Figure 17.1.5 shows a ROM expansion example on the maximum model (with a 2-Mbit ROM, micro-
processor mode). Figure 17.1.6 shows the corresponding timing diagram.
17.1 Memory expansion
Fig. 17.1.15 ROM expansion example on maximum model
M5M27C202K-10
A0 to A16
OE
A1 to A7
AC04
25 MHz
XIN
XOUT
M37733S4BFP
BYTE
Data bus
A1
to A17
Address bus
A16/D0, A17/D1
ALE
D1 to D7
E
R/W
A8/D8 to
A15/D15
AC573
CE
D0 to D15
D0 to D15
A8
to A15
000016
008016
SFR area
Internal RAM
area
External ROM
area
(M5M27C202K)
Memory map
Q
LE
D
CNVss
g1, g2 Make sure that the propagation
delay time is 10 ns or less.
g2
g1
AC573
Q
LE
D
A16, A17
3FFFF16
088016
Circuit conditions: Wait 1 is valid,
1
=
2
,
f(XIN)
8
,
f(XIN)
16
,
f(XIN)
2
f(XCIN)
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com