Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 424 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 424 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 420Page - Renesas Technology Corp 7733 Datasheet HTML 421Page - Renesas Technology Corp 7733 Datasheet HTML 422Page - Renesas Technology Corp 7733 Datasheet HTML 423Page - Renesas Technology Corp 7733 Datasheet HTML 424Page - Renesas Technology Corp 7733 Datasheet HTML 425Page - Renesas Technology Corp 7733 Datasheet HTML 426Page - Renesas Technology Corp 7733 Datasheet HTML 427Page - Renesas Technology Corp 7733 Datasheet HTML 428Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–17
Fig. 17.1.11 Bus buffer usage example (2) (when a memory which requires a long data hold time for writing
is connected)
17.1 Memory expansion
g1 Make sure that the propagation delay time is 40.5 ns or less.
g2 Make sure that the output enable time is 5 ns or more and the output disable time is
42.5 ns or less.
Circuit conditions: Wait 1 is valid,
1
=
2
,
f(XIN)
8
,
f(XIN)
16
,
f(XIN)
2
f(XCIN)
or
ALS245A
BYTE
E
16 MHz
Data bus (even)
Data bus (odd)
LE
DQ
OE
AC573
OC
DIR
AB
LE
DQ
OE
AC573
ALE
A1 to A7
Address bus
DIR
AB
A0
R/W
BHE
AC32
AC04
RD
WE
WO
1D1Q
1T
2D
2Q
2T
1
AC74
AC32
AC04
XIN
XOUT
ALS245A
A8/D8 to
A15/D15
M37733MHBXXXFP
A16/D0 to
A23/D7
g1
g2
CNVSS
g2
OC
1
These circuits make the rising edge of
the write signal earlier by 1/2
1
, so
that the write hold time is extended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com