Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 421 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 417Page - Renesas Technology Corp 7733 Datasheet HTML 418Page - Renesas Technology Corp 7733 Datasheet HTML 419Page - Renesas Technology Corp 7733 Datasheet HTML 420Page - Renesas Technology Corp 7733 Datasheet HTML 421Page - Renesas Technology Corp 7733 Datasheet HTML 422Page - Renesas Technology Corp 7733 Datasheet HTML 423Page - Renesas Technology Corp 7733 Datasheet HTML 424Page - Renesas Technology Corp 7733 Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–14
Ž When using an external memory which outputs data for more than an interval of tpzx(E-DZ) after
_
signal E’s rising edge
When there is a possibility that the tail of data collides with the head of an address because the
_
external memory outputs the data for more than an interval of tpzx(E-DZ) after signal E’s rising edge, try
to carry out the following:
q By using bus buffers and others, delete the tail of data which is output from the memory.
q Use a memory which is made by MITSUBISHI ELECTRIC CORPORATION and can be connected
without bus buffers.
Figures 17.1.9 to 17.1.12 show bus buffer usage examples and the corresponding timing diagrams.
Table 17.1.5 lists memories which can be connected without bus buffers (made by MITSUBISHI ELEC-
TRIC CORPORATION). The reason why these memories do not need buffers is that timing parameters
_
tDF or tdis(OE) is guaranteed. (Make sure that the read signal rises within 10 ns after signal E’s rising
edge.)
Table 17.1.5 Memories which can be connected without bus buffers (made by MITSUBISHI ELECTRIC
CORPORATION)
17.1 Memory expansion
Memory
M5M27C256AK-85, -10, -12, -15
M5M27C512AK-10, -12, -15
M5M27C100K-12, -15
M5M27C101K-12, -15
M5M27C102K-12, -15
M5M27C201K, JK-10, -12, -15
M5M27C202K, JK-10, -12, -15
M5M27C256AP, FP, VP, RV-12, -15
M5M27C512AP, FP-15
M5M27C100P-15
M5M27C101P, FP, J, VP, RV-15
M5M27C102P, FP, J, VP, RV-15
M5M27C201P, FP, J, VP, RV-12, -15
M5M27C202P, FP, J, VP, RV-12, -15
M5M28F101P, FP, J, VP, RV-10, -12, -15
M5M28F102FP, J, VP, RV-10, -12, -15
M5M5256CP, FP, KP, VP, RV-55LL, -55XL,
-70LL, -70XL, -85LL, -85XL, -10LL, -10XL
M5M5278CP, FP, J-20, -20L
M5M5278CP, FP, J-25, -25L
M5M5278DP, J-12
M5M5278DP, FP, J-15, -15L
M5M5278DP, FP, J-20, -20L
Type
Usage condition
tDF/tdis(OE) (Max.)
15 ns
(When guaranteed as kit)
(Note)
8 ns
10 ns
6 ns
7 ns
8 ns
2 • f(f2)
≤ 20 MHz
2 • f(f2)
≤ 25 MHz
EPROM
One time
PROM
Frash
memory
SRAM
Note: Specifications of the above memories are available if a comment of “tDF/tdis(OE) = 15 ns, microcomputer
and kit” is added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com