Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 417 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 417 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 413Page - Renesas Technology Corp 7733 Datasheet HTML 414Page - Renesas Technology Corp 7733 Datasheet HTML 415Page - Renesas Technology Corp 7733 Datasheet HTML 416Page - Renesas Technology Corp 7733 Datasheet HTML 417Page - Renesas Technology Corp 7733 Datasheet HTML 418Page - Renesas Technology Corp 7733 Datasheet HTML 419Page - Renesas Technology Corp 7733 Datasheet HTML 420Page - Renesas Technology Corp 7733 Datasheet HTML 421Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–10
(3) Precautions on memory expansion
When specifications of the 7733 Group do not match those of an external memory as described in the
following Œ to Ž, some considerations about the circuit are necessary:
Œ When using an external memory which requires a long address access time (ta(AD))
_
 When using an external memory which outputs data within an interval of tpxz(E-DZ) after signal E’s
falling edge.
Ž When using an external memory which outputs data for more than an interval of tpzx(E-DZ) after
_
signal E’s rising edge
Œ When using an external memory which requires a long address access time (ta(AD))
When an external memory requires a long address access time (ta(AD)) which does not satisfy the 7733
Group’s tsu(D-E), try to carry out the following:
q Lower 2•f(f2)
q Select “Software wait is inserted.” (Refer to section “12.2 Software wait.”)
q Use the ready function. (Refer to section “12.3 Ready function.”)
Figure 17.1.6 shows a ready generating circuit example (with no wait). Figure 17.1.7 shows a ready
generating circuit example (with wait 1).
Note that the ready function is also valid for the internal area. Therefore, in Figures 17.1.6 and 17.1.7,
___
areas where the ready function is valid are specified by using the chip select signal (CS2) which is
externally generated.
17.1 Memory expansion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com