Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 414 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 414 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 410Page - Renesas Technology Corp 7733 Datasheet HTML 411Page - Renesas Technology Corp 7733 Datasheet HTML 412Page - Renesas Technology Corp 7733 Datasheet HTML 413Page - Renesas Technology Corp 7733 Datasheet HTML 414Page - Renesas Technology Corp 7733 Datasheet HTML 415Page - Renesas Technology Corp 7733 Datasheet HTML 416Page - Renesas Technology Corp 7733 Datasheet HTML 417Page - Renesas Technology Corp 7733 Datasheet HTML 418Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–7
17.1.3 Points in memory expansion
(1) Timing for reading data
Figure 17.1.4 shows the timing at which data is read from an external memory.
When data is read, the external data bus enters a floating state and reads data from the external
memory. The floating state of the external data bus is retained from when an interval of tpxz(E-DZ) has
_
_
passed after signal E’s falling edge until an interval of tpzx(E-DZ) has passed after signal E’s rising edge.
Table 17.1.3 lists the value of tpxz(E-DZ) and the calculation formula for tpzx(E-DZ).
Note that the external data bus is multiplexed with the external address bus. Therefore, when reading
data, it is necessary to consider timing to avoid collision between data being read-in and an address
which is output preceding or following the data. (Refer to “(3) Precautions on memory expansion.”)
g 1 This is applied when the external data bus = 16 bits wide (BYTE = “L”).
g 2 When the external memory’s specifications are smaller than tpxz(E-DZ), there is a possibility that the tail of address
collides with the head of data.
→ Refer to “(3) Precautions on memory expansion.”
g 3 When the external memory’s specifications are greater than tpzx(E-DZ), there is a possibility that the tail of data
collides with the head of address.
→ Refer to “(3) Precautions on memory expansion.”
ten(OE)
Address
Address
tpzx(E-DZ)
tsu(D-E)
ta(OE)
ta(CE), ta(S)
tDF, tdis(OE)
g 2
g 3
tw(EL)
Data
tpxz(E-DZ)
ten(CE), ten(S)
External memory
data output
External memory
output enable signal
(Read signal)
OE
E
External memory
chip select signals
CE, S
Address output
and data input
A8
/D8 to A15/D15
A16/D0 to A23/D7
g 1
: Specifications
of the 7733 Group
(The others are specifications of
external memory.)
Fig. 17.1.4 Timing at which data is read from external memory
17.1 Memory expansion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com