Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 418 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 418 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 414Page - Renesas Technology Corp 7733 Datasheet HTML 415Page - Renesas Technology Corp 7733 Datasheet HTML 416Page - Renesas Technology Corp 7733 Datasheet HTML 417Page - Renesas Technology Corp 7733 Datasheet HTML 418Page - Renesas Technology Corp 7733 Datasheet HTML 419Page - Renesas Technology Corp 7733 Datasheet HTML 420Page - Renesas Technology Corp 7733 Datasheet HTML 421Page - Renesas Technology Corp 7733 Datasheet HTML 422Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–11
Fig. 17.1.6 Ready generating circuit example (with no wait)
17.1 Memory expansion
1
=
2
,
f(XIN)
8
,
f(XIN)
16
,
f(XIN)
f(XCIN)
or
Wait generated by the ready function
is inserted only to an area where
accessed by signal CS2.
M37733MHBXXXFP
CS1
A8 to A23
(D0 to D15)
A0 to A7
AC74
D
T
Q
1
RDY
E
AC32
AC32
AC04
Address bus
Data bus
Address
latch
circuit
Address
decode
circuit
CS2
Circuit conditions: f (XIN)
≤ 15.7 MHz, no wait
1
E
1
CS2
Q
RDY
tc
td(E- 1)
tsu(RDY- 1)
Propagation delay time of AC32
(Max.: 8.5 ns)
g
g Condition to satisfy the relationship of t su(RDY- 1)
≥ 55 ns
in the left timing chart is tc
≥ 63.5 ns.
Accordingly, when f(X IN)
≤ 15.7 MHz, this
example satisfies the relationship of t su(RDY- 1)
≥ 55 ns.
: Wait generated by the ready function
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com