Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 422 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 422 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 418Page - Renesas Technology Corp 7733 Datasheet HTML 419Page - Renesas Technology Corp 7733 Datasheet HTML 420Page - Renesas Technology Corp 7733 Datasheet HTML 421Page - Renesas Technology Corp 7733 Datasheet HTML 422Page - Renesas Technology Corp 7733 Datasheet HTML 423Page - Renesas Technology Corp 7733 Datasheet HTML 424Page - Renesas Technology Corp 7733 Datasheet HTML 425Page - Renesas Technology Corp 7733 Datasheet HTML 426Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–15
Fig. 17.1.9 Bus buffer usage example (1)
17.1 Memory expansion
Circuit conditions: Wait 1 is valid,
1
=
2
,
f(XIN)
8
,
f(XIN)
16
,
f(XIN)
2
f(XCIN)
F245
BYTE
A8/D8 to A1
5
/D15
25 MHz
Data bus (even)
Data bus (odd)
LE
DQ
OE
AC573
DIR
AB
LE
DQ
OE
AC573
ALE
A1 to A7
Address bus
M37733MHBXXXFP
DIR
AB
E
A0
R/W
BHE
BC32
AC04
RD
WO
WE
AC32
XIN
XOUT
F245
g2
g2
g3
A16/D0 to
A23/D7
g1
CNVSS
g4
OC
OC
g1 Make sure that the propagation delay time is 12 ns or less.
g2, g3 Make sure that the following relationships are satisfied:
q The sum of output disable time of g2 and propagation delay time of g3 is 20 ns or less.
q The sum of output enable time of g2 and propagation delay time of g3 is 5 ns or more.
g4 Make sure that the propagation delay time is 12 ns or less.
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com