Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 420 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 420 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 416Page - Renesas Technology Corp 7733 Datasheet HTML 417Page - Renesas Technology Corp 7733 Datasheet HTML 418Page - Renesas Technology Corp 7733 Datasheet HTML 419Page - Renesas Technology Corp 7733 Datasheet HTML 420Page - Renesas Technology Corp 7733 Datasheet HTML 421Page - Renesas Technology Corp 7733 Datasheet HTML 422Page - Renesas Technology Corp 7733 Datasheet HTML 423Page - Renesas Technology Corp 7733 Datasheet HTML 424Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–13
 When using an external memory which outputs data within an interval of tpxz(E-DZ) after signal
_
E’s
falling edge
When there is a possibility that the tail of an address collides with the head of data because the
_
external memory outputs data within an interval of tpxz(E-DZ) after signal E’s falling edge, delay only
_
___
the E’s front falling edge. In this case, the falling edge of the read signal (OE) for the memory, which
__
is generated from signal E, is delayed. (Refer to Figure 17.1.8.)
17.1 Memory expansion
Fig. 17.1.8 Timing example when data output is delayed
External memory
output enable signal
(Read signal)
Address output
External memory
data output
tpxz(E-DZ)
E
OE
d
Address
Address
Data
ten(OE)
ta(OE)
Satisfy the following conditions:
• tpxz(E-DZ)
≤ ten(OE)+d
• When ten(OE)
≤ tpxz(E-DZ) (= 5 ns), make sure that signal E’s falling edge precedes
signal OE’s falling edge and an interval of “d” is secured.
Note:
(The others are specifications of
external memory.)
: Specifications of
7733 Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com