Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 419 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 419 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 415Page - Renesas Technology Corp 7733 Datasheet HTML 416Page - Renesas Technology Corp 7733 Datasheet HTML 417Page - Renesas Technology Corp 7733 Datasheet HTML 418Page - Renesas Technology Corp 7733 Datasheet HTML 419Page - Renesas Technology Corp 7733 Datasheet HTML 420Page - Renesas Technology Corp 7733 Datasheet HTML 421Page - Renesas Technology Corp 7733 Datasheet HTML 422Page - Renesas Technology Corp 7733 Datasheet HTML 423Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–12
Fig. 17.1.7 Ready generating circuit example (with wait 1)
17.1 Memory expansion
Wait generated by the ready
function is inserted only to
an area where accessed
by signal CS2.
M37733MHBXXXFP
CS1
A8 to A23
(D0 to D15)
A0 to A7
1D
1T
1Q
1
RDY
E
F32
F32
Address bus
Data bus
Address
latch
circuit
Address
decode
circuit
CS2
2D
2T
2Q
RD
F04
F04
F74
g1
g2
g3
1
E
CS2
1Q
RDY
th( 1-RDY)
2Q
: Wait generated by the ready function
: Software wait
tsu(RDY- 1)
1
g1 to g3
Make sure that the sum of
propagation delay time is within
(when 2 • f(f2) = 25 MHz, 25 ns).
2 ! 10
2 • f(f2)
– tsu(RDY– 1)
9
Circuit conditions: f (XIN)
≤ 25 MHz, wait 1 is valid,
1
=
2
,
f(XIN)
8
,
f(XIN)
16
,
f(XIN)
2
f(XCIN)
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com