Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 416 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 416 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 412Page - Renesas Technology Corp 7733 Datasheet HTML 413Page - Renesas Technology Corp 7733 Datasheet HTML 414Page - Renesas Technology Corp 7733 Datasheet HTML 415Page - Renesas Technology Corp 7733 Datasheet HTML 416Page - Renesas Technology Corp 7733 Datasheet HTML 417Page - Renesas Technology Corp 7733 Datasheet HTML 418Page - Renesas Technology Corp 7733 Datasheet HTML 419Page - Renesas Technology Corp 7733 Datasheet HTML 420Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–9
(2) Timing for writing data
Figure 17.1.5 shows the timing for writing data to an external memory.
_
When data is written, the data is output from when an interval of td(E-DQ) has passed after signal E’s
_
falling edge until an interval of th(E-DQ) has passed after signal E’s rising edge. Table 17.1.4 lists the
value of td(E-DQ) and the calculation formula for th(E-DQ).
Make sure that the data output timing for writing data satisfies the following specifications of the
external memory: data setup time (tsu(D)) and data hold time (th(D)) for writing data.
Fig. 17.1.5 Timing at which data is written to external memory
Table 17.1.4 Value of td(E-DQ) and calculation formula for th(E-DQ) (Unit: ns)
Wait 0
0
0
Wait 1
0
1
45
– 22
1 ! 109
2•f(f2)
No wait
1
0 or 1
Wait bit: Bit 2 at address 5E16
Wait selection bit: Bit 0 at address 5F16
Note: The above is applied when the system clock selection bit (bit 3 at address 6C16) = “0.”
17.1 Memory expansion
External memory
write signals
W, WE
External memory
chip select signals
CE, S
(The others are specifications of
external memory.)
: Specifications of
the 7733 Group
g This is applied when the external
data bus = 16 bits wide (BYTE = “L” ).
E
Address and data output
g
A8
/D8 to A15/D15
A16/D0 to A23/D7
tsu(D)
th(D)
Address
Data
Address
tw(EL)
th(E-DQ)
td(E-DQ)
Software wait
Wait bit
Wait selection bit
td(E-DQ)
th(E-DQ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com