Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 442 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 442 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 438Page - Renesas Technology Corp 7733 Datasheet HTML 439Page - Renesas Technology Corp 7733 Datasheet HTML 440Page - Renesas Technology Corp 7733 Datasheet HTML 441Page - Renesas Technology Corp 7733 Datasheet HTML 442Page - Renesas Technology Corp 7733 Datasheet HTML 443Page - Renesas Technology Corp 7733 Datasheet HTML 444Page - Renesas Technology Corp 7733 Datasheet HTML 445Page - Renesas Technology Corp 7733 Datasheet HTML 446Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–35
(3) Approximate flowchart
17.2 Serial I/O
Fig. 17.2.12 Approximate flowchart (1)
Whether transmission of the preceding data
has started or not is determined.
(Whether the next data can be set to the
UART1 transmission buffer register or not
is determined.)
Register save processing
UART1 transmission interrupt routine
[F_DATAOUT]
“1”
Flag used to determine whether
a transmission interrupt
request has occurred or not: “1”
Register return processing
RTI
[F_DATAOUT]: Flag used to determine whether a transmission
interrupt request has occurred or not.
[TRA_DATA]: RAM where transmit data is stored.
Main routine
[F_DATAOUT]
= “1” ?
[F_DATAOUT]
“0”
UART1 transmission buffer register
[TRA_DATA]
(
address 3A16)
1: Transmission interrupt request has occurred.
0
The flag used to determine whether a
transmission interrupt request has
occurred or not is initialized.
Transmit data is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com