Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 446 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 446 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 442Page - Renesas Technology Corp 7733 Datasheet HTML 443Page - Renesas Technology Corp 7733 Datasheet HTML 444Page - Renesas Technology Corp 7733 Datasheet HTML 445Page - Renesas Technology Corp 7733 Datasheet HTML 446Page - Renesas Technology Corp 7733 Datasheet HTML 447Page - Renesas Technology Corp 7733 Datasheet HTML 448Page - Renesas Technology Corp 7733 Datasheet HTML 449Page - Renesas Technology Corp 7733 Datasheet HTML 450Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–39
(2) Initial settings for related registers
Fig. 17.2.17 Initial settings for related registers
17.2 Serial I/O
b7
b0
When the system clock (main clock) frequency = 16 MHz,
transfer rate = 2 MHz.
UART1 baud rate register (BRG1) (address 39 16)
0116
Transmission is enabled.
b7
b0
UART1 transmit/receive control register 1 (address 3D 16)
XX
X
Reception is disabled.
XX 0 X 1
b7
b0
UART1 transmission interrupt control register (address 73 16)
0
00
UART1 transmission interrupt is disabled.
X
Pin P43:Output mode
b7
b0
Port P4 direction register (address C 16)
1
Must be fixed to “0.”
Clock synchronous serial I/O mode
b7
b0
UART1 transmit/receive mode register (address 38 16)
0X
X
Internal clock is selected.
X0 0
0 1
UART1 transmit/receive control register 0 (address 3C 16)
CTS
/RTS function is disabled.
Pin TXD1’s output structure: CMOS output
Transmit data is output at the falling edge of the transfer clock.
LSB first
BRG1 count source: f 2
b7
b0
0 01
0
!! 00
X: It may be “0” or “1.”
Pin P43’s output level: “L”
b7
b0
Port P4 register (address A 16)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com