Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 493 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 493 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 489Page - Renesas Technology Corp 7733 Datasheet HTML 490Page - Renesas Technology Corp 7733 Datasheet HTML 491Page - Renesas Technology Corp 7733 Datasheet HTML 492Page - Renesas Technology Corp 7733 Datasheet HTML 493Page - Renesas Technology Corp 7733 Datasheet HTML 494Page - Renesas Technology Corp 7733 Datasheet HTML 495Page - Renesas Technology Corp 7733 Datasheet HTML 496Page - Renesas Technology Corp 7733 Datasheet HTML 497Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 940 page
background image
7733 Group User’s Manual
LOW VOLTAGE VERSION
18–27
(2) N-channel IOL–VOL characteristics
18.5 Standard characteristics
Standard characteristics described below are just examples of the M37733MHLXXXHP’s characteristics and
are not guaranteed. For rated values, refer to section “18.4 Electrical characteristics.”
18.5.1 Programmable I/O port (CMOS output) standard characteristics:
Ports P0 to P3, P40–P43,P54–P57, P6, P7, and P8
(1) P-channel IOH–VOH characteristics
VOH [V]
P-channel
Power source voltage Vcc = 3 V
20.0
16.0
12.0
4.0
8.0
0
0.6
1.2
1.8
2.4
3.0
Ta = 25 °C
Ta = 85 °C
N-channel
Power source voltage Vcc = 3 V
20.0
16.0
12.0
8.0
4.0
0
0.6
1.2
1.8
2.4
3.0
VOL [V]
Ta = 25 °C
Ta = 85 °C
18.5 Standard characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com