Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 495 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 495 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 491Page - Renesas Technology Corp 7733 Datasheet HTML 492Page - Renesas Technology Corp 7733 Datasheet HTML 493Page - Renesas Technology Corp 7733 Datasheet HTML 494Page - Renesas Technology Corp 7733 Datasheet HTML 495Page - Renesas Technology Corp 7733 Datasheet HTML 496Page - Renesas Technology Corp 7733 Datasheet HTML 497Page - Renesas Technology Corp 7733 Datasheet HTML 498Page - Renesas Technology Corp 7733 Datasheet HTML 499Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 940 page
background image
7733 Group User’s Manual
LOW VOLTAGE VERSION
18–29
18.5.3 Icc–f(XIN) standard characteristics
(1) Icc–f(XIN) characteristics on operating and at reset
(2) Icc–f(XIN) characteristics during wait mode
0
1
2
3
4
0
2
4
6
8
10
12
14
•Measuring conditions
(Vcc = 3 V, Ta = 25 °C, f(XIN):square waveform input, single-chip mode)
•Register setting conditions
Oscillation circuit control register 1 = “0216” (Main clock is input from the external.)
On operating
(CPU + peripheral devices)
f(XIN) [MHz]
On operating (CPU)
0
0.2
0.4
0.6
0.8
1
02
46
8
10
12
14
•Measuring conditions
(Vcc = 3 V, Ta = 25 °C, f(XIN):square waveform input, single-chip mode)
•Register setting conditions
Oscillation circuit control register 0 = “2016” (In wait mode, clocks f2 to f512 are stopped.)
Oscillation circuit control register 1 = “0216” (Main clock is input from the external.) or
“0016” (Main-clock oscillation circuit is operating by itself.)
f(XIN) [MHz]
CC1 = 0
CC1 = 1
CC1 : Main clock external input selection bit (bit 1 of oscillation
circuit control register 1)
18.5 Standard characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com