Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 498 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 498 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 494Page - Renesas Technology Corp 7733 Datasheet HTML 495Page - Renesas Technology Corp 7733 Datasheet HTML 496Page - Renesas Technology Corp 7733 Datasheet HTML 497Page - Renesas Technology Corp 7733 Datasheet HTML 498Page - Renesas Technology Corp 7733 Datasheet HTML 499Page - Renesas Technology Corp 7733 Datasheet HTML 500Page - Renesas Technology Corp 7733 Datasheet HTML 501Page - Renesas Technology Corp 7733 Datasheet HTML 502Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 498 / 940 page
background image
7733 Group User’s Manual
18–32
LOW VOLTAGE VERSION
18.6 Applications
Some application examples of connecting external memorys for the low voltage version are described
bellow.
Applications shown here are just examples. Modify the desired application to suit the user’s need and make
sufficient evaluation before actually using it.
18.6.1 Memory expansion
The following items of the low voltage version are the same as section “17.1 Memory expansion,” but
a part of the calculation way and constants for parameters is different:
•Memory expansion model
•Calculation way for address access time of external memory
•Bus timing
•Memory expansion way
Œ Address access time of external memory ta(AD)
ta(AD) = td(A-E) + tw(EL) – tsu(D-E) – (address decode timeV1 + address latch delay timeV2)
address decode timeV1 : time necessary for validating a chip select signal after an address is decoded
address latch delay timeV2 : delay time necessary for latching an address
(This is not necessary on the minimum model.)
 Data setup time of external memory for writing data tsu(D)
tsu(D) = tw(EL) – td(E–DQ)
Table 18.6.1 lists the calculation formulas and constants for each parameter of the low voltage version.
Figure 18.6.1 shows the relationship between ta(AD) and 2!
f(f2). Figure 18.6.2 shows the relationship
between tsu(D) and 2!
f(f2).
Table 18.6.1 Calculation formulas and constants for each parameter (Unit : ns)
Wait 1
0
1
Wait 0
0
0
80
90
10
– 30
– 88
– 35
– 63
– 35
No wait
1
0 or 1
3 ! 109
2!
f(f2)
4 ! 109
2!
f(f2)
2 ! 109
2!
f(f2)
1 ! 109
2!
f(f2)
1 ! 109
2!
f(f2)
Wait bit : Bit 2 at address 5E16
Wait selection bit : Bit 0 at address 5F16
Note: This is applied to the case where the system clock selection bit (bit 3 at address 6C16) = “0.”
Software wait
Wait bit
Wait selection bit
td(A-E)
tw(EL)
tsu(D-E)
tsu(E-DQ)
tpxz(E-DZ)
tpzx(E-DZ)
18.6 Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com