Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 502 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 502 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 498Page - Renesas Technology Corp 7733 Datasheet HTML 499Page - Renesas Technology Corp 7733 Datasheet HTML 500Page - Renesas Technology Corp 7733 Datasheet HTML 501Page - Renesas Technology Corp 7733 Datasheet HTML 502Page - Renesas Technology Corp 7733 Datasheet HTML 503Page - Renesas Technology Corp 7733 Datasheet HTML 504Page - Renesas Technology Corp 7733 Datasheet HTML 505Page - Renesas Technology Corp 7733 Datasheet HTML 506Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 502 / 940 page
background image
7733 Group User’s Manual
18–36
LOW VOLTAGE VERSION
18.6.3 Memory expansion example on medium model A
Figure 18.6.5 shows a memory expansion example on the medium model A. Figure 18.6.6 shows the
corresponding timing diagram.
Fig. 18.6.5 Memory expansion example on medium model A
Internal ROM area
Circuit conditions : No wait
A16/D0
to A23/D7
10 MHz
XIN
XOUT
M37733MHLXXXHP
BYTE
R/W
E
Open
BHE
A0 to A16
OE
S1
M5M51008AFP-10VLL
A0 to A15
CNVSS
W
External ROM area
(M5M51008AFP)
Memory map
00000016
00008016
V
DQ1 to DQ8
V Make sure that the propagation delay time is 22 ns or less.
03FFFF16
000FFF16
01FFFF16
02000016
Internal RAM area
SFR area
DQ
LE
S2
ALE
A16
A17
AC573
D0–D7
VCC = 3.3
± 0.3 V
1
=
,
,
, or
2
f(XIN)
8
f(XIN)
16
f(XIN)
2
f(XCIN)
18.6 Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com