Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 506 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 506 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 502Page - Renesas Technology Corp 7733 Datasheet HTML 503Page - Renesas Technology Corp 7733 Datasheet HTML 504Page - Renesas Technology Corp 7733 Datasheet HTML 505Page - Renesas Technology Corp 7733 Datasheet HTML 506Page - Renesas Technology Corp 7733 Datasheet HTML 507Page - Renesas Technology Corp 7733 Datasheet HTML 508Page - Renesas Technology Corp 7733 Datasheet HTML 509Page - Renesas Technology Corp 7733 Datasheet HTML 510Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 506 / 940 page
background image
7733 Group User’s Manual
18–40
LOW VOLTAGE VERSION
18.6.5 Ready generating circuit example
When validating “wait” only for a certain area (for example, ROM area) in Figures 18.6.3 to 18.6.8, use the
ready function.
Figure 18.6.9 shows a ready generating circuit example.
Fig. 18.6.9 Ready generating circuit example
M37733MHLXXXHP
CS1
A8 to A23
(D0 to D15)
A0 to A7
AC74
D
T
Q
1
RDY
E
AC32
AC32
AC04
Address bus
Data bus
Address
latch circuit
Address
decode
circuit
CS2
Wait generated by the ready function is
inserted only to an area where
accessed by Signal CS 2.
Circuit conditions : f(X IN)
≤ 10.8 MHz, no wait,
1
E
1
CS2
Q
RDY
tc
td(E- 1)
tsu(RDY- 1)
Propagation delay time of AC32
(Max. : 11.9 ns)
V
V Condition to satisfy the relationship of
tsu(RDY- 1)
≥ 80 ns in
the left timing chart is t
Accordingly, when f(X IN)
≤ 10.8 MHz, this
example satisfies the relationship of
tsu(RDY- 1)
≥ 80 ns.
: Wait generated by the ready function
1
=
,
,
, or
2
f(XIN)
8
f(XIN)
16
f(XIN)
2
f(XCIN)
VCC = 3.0 to 5.5 V
c
≥ 91.9 ns.
18.6 Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com