Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 504 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 504 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 500Page - Renesas Technology Corp 7733 Datasheet HTML 501Page - Renesas Technology Corp 7733 Datasheet HTML 502Page - Renesas Technology Corp 7733 Datasheet HTML 503Page - Renesas Technology Corp 7733 Datasheet HTML 504Page - Renesas Technology Corp 7733 Datasheet HTML 505Page - Renesas Technology Corp 7733 Datasheet HTML 506Page - Renesas Technology Corp 7733 Datasheet HTML 507Page - Renesas Technology Corp 7733 Datasheet HTML 508Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 504 / 940 page
background image
7733 Group User’s Manual
18–38
LOW VOLTAGE VERSION
18.6.4 Memory expansion example on maximum model
Figure 18.6.7 shows a memory expansion example on the maximum model. Figure 18.6.8 shows the
corresponding timing diagram. In this example, Atmel company’s EPROMs (AT27LV256R) are used as the
external ROMs.
In Figure 18.6.7, the circuit condition is “No wait.”
Fig. 18.6.7 Memory expansion example on maximum model
R/W
E
BHE
AC04
8 MHz
XIN
XOUT
M37733S4LHP
BYTE
A17
A8 to A16
Even data bus
Odd data bus
AC573
AC32
RD
D0 to D7
D8 to D15
Address bus
WO
A1 to A15
D0 to D7
OE
A0 to A14
CE
A1 to A15
A0 to A14
D0 to D7
OE
CE
WE
AT27LV256R-15DI
AC32
DQ
LE
DQ
LE
A16/D0
to A17/D1
A1 to A16
D0 to D7
M5M51008AFP-10VLL
A0 to A15
DQ1 to DQ8
OE
W
A1 to A16
D8 to D15
A0 to A15
DQ1 to DQ8
OE
W
AC32
Circuit conditions : No wait
03FFFF16
External ROM area
(AT27LV256R! 2)
SFR area
Internal RAM area
Memory map
00000016
00008016
00088016
External RAM area
(M5M51008AFP! 2)
00FFFF16
02000016
Not used
AC04
S1
S1
A1 to A7
A8/D8
to A15/D15
ALE
D2 to D7
A16
V1 Make sure that the propagation delay time is 47 ns or less.
V2 Make sure that the propagation delay time is 50 ns or less.
V3 Make sure that the propagation delay time is 62 ns or less.
A16
A16
Vcc = 3.3 ± 0.3 V
S2
S2
V1
V 3
V2
V2
A0
1
=
,
,
, or
2
f(XIN)
8
f(XIN)
16
f(XIN)
2
f(XCIN)
18.6 Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com