Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 500 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 500 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 496Page - Renesas Technology Corp 7733 Datasheet HTML 497Page - Renesas Technology Corp 7733 Datasheet HTML 498Page - Renesas Technology Corp 7733 Datasheet HTML 499Page - Renesas Technology Corp 7733 Datasheet HTML 500Page - Renesas Technology Corp 7733 Datasheet HTML 501Page - Renesas Technology Corp 7733 Datasheet HTML 502Page - Renesas Technology Corp 7733 Datasheet HTML 503Page - Renesas Technology Corp 7733 Datasheet HTML 504Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 940 page
background image
7733 Group User’s Manual
18–34
LOW VOLTAGE VERSION
Fig. 18.6.3 Memory expansion example on minimum model
18.6.2 Memory expansion example on minimum model
Figure 18.6.3 shows a memory expansion example on the minimum model (with external RAM) and Figure
18.6.4 shows the corresponding timing diagram. In example, an Atmel company’s EPROM (AT27LV256R)
is used as the external ROM.
In Figure 18.6.3, the circuit condition is “No wait.”
000016
008016
External ROM area
(AT27LV256R)
SFR area
Internal RAM area
External RAM area
(M5M5256CFP)
Memory map
A15
A0 to A14
D0 to D7
AC04
AC32
8 MHz
XIN
XOUT
M37733S4LHP
BYTE
R/W
E
BHE
Open
A0 to A14
D0 to D7
OE
M5M5256CFP-10VLL
OE
RD
WR
CE
S
AT27LV256R-15DI
AC04
AC32
Circuit conditions : No wait,
A0 to A14
Vcc = 3.3
± 0.3 V
V1
V2
V3
V1
800016
FFFF16
088016
V
1 Make sure that the propagation delay time is 35 ns or less.
V
2 Make sure that the propagation delay time is 47 ns or less.
V
3 Make sure that the propagation delay time is 62 ns or less.
W
1
=
,
,
, or
2
f(XIN)
8
f(XIN)
16
f(XIN)
2
f(XCIN)
DQ1 to DQ8
18.6 Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com