Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 163Page - Renesas Technology Corp 7733 Datasheet HTML 164Page - Renesas Technology Corp 7733 Datasheet HTML 165Page - Renesas Technology Corp 7733 Datasheet HTML 166Page - Renesas Technology Corp 7733 Datasheet HTML 167Page - Renesas Technology Corp 7733 Datasheet HTML 168Page - Renesas Technology Corp 7733 Datasheet HTML 169Page - Renesas Technology Corp 7733 Datasheet HTML 170Page - Renesas Technology Corp 7733 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–4
7.2.1 Counter and Reload register (Timer Bi register)
Each of timer Bi counter and its reload register consists of 16 bits and has the following functions.
(1) Functions in timer mode, event counter mode, and clock timer
The counter performs countdown each time a count source is input. The reload register is used to
memorize the initial value of a counter. When an underflow occurs in the counter, the reload register’s
contents is reloaded into the counter.
Values are set to the counter and reload register by writing the values to the timer Bi register. Table
7.2.1 lists the memory allocation of the timer Bi register.
A value written into the timer Bi register while counting is stopped is set to the counter and reload
register. A value written into the timer Bi register while counting is in progress is set only to the reload
register. In this case, the reload register’s updated contents is transferred to the counter when the next
underflow occurs. A value obtained by reading out the timer Bi register is the counter value.
Note: Perform reading or writing from/to the timer Bi register by the 16 bits. For a value read from
the timer Bi register, refer to “Precautions in timer mode” and “Precautions in event counter
mode.”
(2) Functions in pulse period/pulse width measurement mode
The counter performs countup each time a count source is input. The reload register is used to hold
the pulse period or pulse width measurement result. When a valid edge is input to pin TBiIN, the
counter value is transferred to the reload register. In this mode, a value obtained by reading out the
timer Bi register is the reload register’s contents, and the measurement result can be obtained.
Note: Perform reading from the timer Bi register by the 16 bits.
Low-order byte
Address 5016
Address 5216
Address 5416
High-order byte
Address 5116
Address 5316
Address 5516
Timer Bi register
Timer B0 register
Timer B1 register
Timer B2 register
Note: At reset, the contents of the timer Bi register is
undefined.
Table 7.2.1 Memory allocation of timer Bi register
7.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com