Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 169 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 165Page - Renesas Technology Corp 7733 Datasheet HTML 166Page - Renesas Technology Corp 7733 Datasheet HTML 167Page - Renesas Technology Corp 7733 Datasheet HTML 168Page - Renesas Technology Corp 7733 Datasheet HTML 169Page - Renesas Technology Corp 7733 Datasheet HTML 170Page - Renesas Technology Corp 7733 Datasheet HTML 171Page - Renesas Technology Corp 7733 Datasheet HTML 172Page - Renesas Technology Corp 7733 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–6
7.2.3 Timer Bi mode register
Figure 7.2.3 shows the structure of the timer Bi mode register. The operating mode selection bits are used
to select an operating mode of timer Bi. Bits 7 to 5 and bits 3 and 2 have different functions according to
the operating mode. These bits are described in a section of each operating mode.
Fig. 7.2.3 Structure of timer Bi mode register
RW
RW
RW
RW
RW
RW
RW
Bit
7 @
4
Must be fixed to “0” (i = 0).
3 @
1
Bit name
At reset
0
0
0
0
Un-
defined
0
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Timer Bi mode register (i = 0 to 2) (addresses 5B16 to 5D16)
0 0: Timer mode
0 1: Event counter mode
1 0: Pulse period/Pulse width
measurement mode
1 1: Do not select.
b1 b0
2
These bits have different functions according to the operating mode.
0
Operating mode selection bits
6
Note: In the timer and event counter modes, bit 5 is ignored and undefined at reading.
5
These bits have different functions according to the operating mode.
Not implemented (i = 1, 2).
0
—
Un-
defined
RO
(Note)
7.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com