Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 286Page - Renesas Technology Corp 7733 Datasheet HTML 287Page - Renesas Technology Corp 7733 Datasheet HTML 288Page - Renesas Technology Corp 7733 Datasheet HTML 289Page - Renesas Technology Corp 7733 Datasheet HTML 290Page - Renesas Technology Corp 7733 Datasheet HTML 291Page - Renesas Technology Corp 7733 Datasheet HTML 292Page - Renesas Technology Corp 7733 Datasheet HTML 293Page - Renesas Technology Corp 7733 Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–25
9.7.2 Operation in single sweep mode
Figure 9.7.2 shows the conversion operation in the single sweep mode.
(1) When internal trigger is selected
Œ When the A-D conversion start flag is set to “1,” the A-D converter starts A-D conversion for an input
voltage of pin AN0.
 The A-D conversion for pin AN0 is completed when one of the following conditions is satisfied, and
then the contents of the successive approximation register (in other words, the conversion result)
is transferred to the A-D register 0.
•49 cycles of
φAD have passed when resolution = 8 bits
•59 cycles of
φAD have passed when resolution = 10 bits
Ž A-D conversion is performed for all analog input pins selected. Each time A-D conversion is completed
for a pin, the conversion result is transferred to the A-D register i which corresponds to the pin.
 When a UART2 trans./rece. interrupt is not used, the A-D conversion interrupt request bit is set to
“1” at completion of Ž.
 The A-D conversion start flag is cleared to “0,” and the A-D converter stops operating.
(2) When external trigger is selected
______
Œ If pin ADTRG’s level goes from “H” to “L” when the A-D conversion start flag = “1,” the A-D converter
starts A-D conversion for the input voltage of pin AN0.
 The A-D conversion for pin AN0 is completed when one of the following conditions is satisfied, and
then the contents of the successive approximation register (in other words, the conversion result)
is transferred to the A-D register 0.
•49 cycles of
φAD have passed when resolution = 8 bits
•59 cycles of
φAD have passed when resolution = 10 bits
Ž A-D conversion is performed for all analog input pins selected. Each time A-D conversion is completed
for a pin, the conversion result is transferred to the A-D register i which corresponds to the pin.
 When a UART2 trans./rece. interrupt is not used, the A-D conversion interrupt request bit is set to
“1” at completion of Ž.
 The A-D converter stops operating.
______
The A-D conversion start flag remains set to “1” after this. Accordingly, when pin ADTRG’s level goes from
______
“H” to “L,” the A-D converter restarts conversion from Œ. Note that if pin ADTRG’s level goes from “H” to
“L” during A-D conversion, the A-D converter quits the conversion which is performed at that time and
restarts it from Œ.
9.7 Single sweep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com