Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 289Page - Renesas Technology Corp 7733 Datasheet HTML 290Page - Renesas Technology Corp 7733 Datasheet HTML 291Page - Renesas Technology Corp 7733 Datasheet HTML 292Page - Renesas Technology Corp 7733 Datasheet HTML 293Page - Renesas Technology Corp 7733 Datasheet HTML 294Page - Renesas Technology Corp 7733 Datasheet HTML 295Page - Renesas Technology Corp 7733 Datasheet HTML 296Page - Renesas Technology Corp 7733 Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–28
A-D conversion is started.
Trigger is generated.
Falling edges input to pin
ADTRG
When external trigger is selected
When internal trigger is selected
Setting of the A-D conversion start flag to “1”
b7
b0
A-D control register 0 (address 1E 16)
A-D conversion start flag
1
Note: Writing to each bit (except bit 6) of the A-D control register 0 and
each bit of the A-D control register 1 must be performed while
A-D converter stops operating, in other words, before a trigger
is generated.
When the VREF connection selection bit is cleared from “1” to “0,”
wait for an period of 1
s or more passed, and then generate
a trigger.
Setting of the A-D control registers 0, 1
b7
b0
A-D control register 0 (address 1E 16)
11
0
!
b7
b0
A-D control register 1 (address 1F 16)
A-D sweep pin selection bits
b1b0
0 0: AN0 and AN1 (2 pins)
0 1: AN0 to AN3 (4 pins)
1 0: AN0 to AN5 (6 pins)
1 1: AN0 to AN7 (8 pins)
0
Trigger selection bit
0: Internal trigger
1: External trigger
A-D conversion start flag
0: A-D conversion is stopped.
! : It may be “0” or “1.”
f2: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
A-D conversion frequency (
AD
) selection flag
0: f2/4
1: f2/2
VREF connection selection bit
0: Pin VREF is connected.
Selection of the repeat sweep mode
Setting of the port P7 direction register
b7
b0
Port P7 direction register (address 11 16)
Set bits corresponding to selected
analog input pins to “0.”
When an external trigger is selected,
set bit 7 to “0.”
AN0
AN5
AN1
AN2
AN3
AN4
0
8-10 bit mode selection bit
0: 8-bit resolution
1: 10-bit resolution
AN7
AN6
9.8 Repeat sweep mode
Fig. 9.8.1 Initial setting example for registers related to repeat sweep mode
!
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com